Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 5 Page - Dialog Semiconductor

  AT25DF641A Datasheet HTML 1Page - Dialog Semiconductor AT25DF641A Datasheet HTML 2Page - Dialog Semiconductor AT25DF641A Datasheet HTML 3Page - Dialog Semiconductor AT25DF641A Datasheet HTML 4Page - Dialog Semiconductor AT25DF641A Datasheet HTML 5Page - Dialog Semiconductor AT25DF641A Datasheet HTML 6Page - Dialog Semiconductor AT25DF641A Datasheet HTML 7Page - Dialog Semiconductor AT25DF641A Datasheet HTML 8Page - Dialog Semiconductor AT25DF641A Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
4
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
Figure 2-1. Pinouts
HOLD
Hold: The HOLD pin is used to temporarily pause serial communication without
deselecting or resetting the device. While the HOLD pin is asserted, transitions on
the SCK pin and data on the SI pin will be ignored, and the SO pin will be in a
high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for
a Hold condition to start. A Hold condition pauses serial communication only and
does not have an effect on internally self-timed operations such as a program or
erase cycle. See “Hold” on page 46 for additional details on the Hold operation.
The HOLD pin is internally pulled-high and may be left floating if the Hold function
will not be used. However, it is recommended that the HOLD pin also be externally
connected to VCC whenever possible.
Low
Input
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to the
device.
Operations at invalid VCC voltages may produce spurious results and should not be
attempted.
—
Power
GND
Ground: The ground reference for the power supply. GND should be connected to
the system ground.
—
Power
Table 2-1.
Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type
CS
SO (SOI)
WP
GND
VCC
HOLD
SCK
SI (SIO)
8
7
6
5
1
2
3
4
8-pad UDFN
(Top View)
1
2
3
4
8
7
6
5
CS
SO (SOI)
WP
GND
VCC
HOLD
SCK
SI (SIO)
8-lead SOIC
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com