Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 22Page - Dialog Semiconductor AT25DF641A Datasheet HTML 23Page - Dialog Semiconductor AT25DF641A Datasheet HTML 24Page - Dialog Semiconductor AT25DF641A Datasheet HTML 25Page - Dialog Semiconductor AT25DF641A Datasheet HTML 26Page - Dialog Semiconductor AT25DF641A Datasheet HTML 27Page - Dialog Semiconductor AT25DF641A Datasheet HTML 28Page - Dialog Semiconductor AT25DF641A Datasheet HTML 29Page - Dialog Semiconductor AT25DF641A Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
25
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
9.5
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sector and Unprotect Sector
functions.
Example:
A system can globally protect the entire memory array and then use the Unprotect Sector command to
individually unprotect certain sectors and individually reprotect them later by using the Protect Sector
command. Likewise, a system can globally unprotect the entire memory array and then individually protect
certain sectors as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combination of data to the Status
Register using the Write Status Register Byte 1 command (see “Write Status Register Byte 1” on page 39 for command
execution details). The Write Status Register command is also used to modify the SPRL (Sector Protection Registers
Locked) bit to control hardware and software locking.
To perform a Global Protect, the appropriate WP pin and SPRL conditions must be met, and the system must write a
Logical 1 to bits 5, 4, 3, and 2 of the first byte of the Status Register. Conversely, to perform a Global Unprotect, the same
WP and SPRL conditions must be met but the system must write a Logical 0 to bits 5, 4, 3, and 2 of the first byte of the
Status Register. Table 9-2 details the conditions necessary for a Global Protect or Global Unprotect to be performed.
Sectors that have been erase or program suspended must remain in the unprotected state. If a Global Protect operation
is attempted while a sector is erase or program suspended, the protection operation will abort, the protection states of all
sectors in the Flash memory array will not change, and WEL bit in the Status Register will be reset back to a Logical 0.
Essentially, if the SPRL bit of the Status Register is in the Logical 0 state (Sector Protection Registers are not locked),
then writing a 00h to the first byte of the Status Register will perform a Global Unprotect without changing the state of the
SPRL bit. Similarly, writing a 7Fh to the first byte of the Status Register will perform a Global Protect and keep the SPRL
bit in the Logical 0 state. The SPRL bit can, of course, be changed to a Logical 1 by writing an FFh if software-locking or
hardware-locking is desired along with the Global Protect.
If the desire is to only change the SPRL bit without performing a Global Protect or Global Unprotect, then the system can
simply write a 0Fh to the first byte of the Status Register to change the SPRL bit from a Logical 1 to a Logical 0 provided
the WP pin is deasserted. Likewise, the system can write an F0h to change the SPRL bit from a Logical 0 to a Logical 1
without affecting the current sector protection status (no changes will be made to the Sector Protection Registers).
When writing to the first byte of the Status Register, bits 5, 4, 3, and 2 will not actually be modified, but will be decoded by
the device for the purposes of the Global Protect and Global Unprotect functions. Only bit 7, the SPRL bit, will actually be
modified. Therefore, when reading the first byte of the Status Register, bits 5, 4, 3, and 2 will not reflect the values written
to them but will instead indicate the status of the WP pin and the sector protection status. Please see “Read Status
Register” on page 35 and Table 11-1 on page 35 for details on the Status Register format and what values can be read
for bits 5, 4, 3, and 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com