Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 27Page - Dialog Semiconductor AT25DF641A Datasheet HTML 28Page - Dialog Semiconductor AT25DF641A Datasheet HTML 29Page - Dialog Semiconductor AT25DF641A Datasheet HTML 30Page - Dialog Semiconductor AT25DF641A Datasheet HTML 31Page - Dialog Semiconductor AT25DF641A Datasheet HTML 32Page - Dialog Semiconductor AT25DF641A Datasheet HTML 33Page - Dialog Semiconductor AT25DF641A Datasheet HTML 34Page - Dialog Semiconductor AT25DF641A Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
30
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
Figure 10-1. Sector Lockdown
10.2 Freeze Sector Lockdown State
The current sector lockdown state can be permanently frozen so that no further modifications to the Sector Lockdown
Registers can be made; therefore, the Sector Lockdown command will be permanently disabled, and no additional
sectors can be locked down aside from those already locked down. Any attempts to issue the Sector Lockdown
command after the sector lockdown state has been frozen will be ignored.
Before the Freeze Sector Lockdown State command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a Logical 1. In addition, the Sector Lockdown Enabled
(SLE) bit in the Status Register must have also been previously set to the Logical 1 state. To issue the Freeze Sector
Lockdown State command, the CS pin must first be asserted and the opcode of 34h must be clocked into the device,
followed by three command-specific address bytes of 55AA40h. After the three address bytes have been clocked in, a
confirmation byte of D0h must be clocked in immediately following the three address bytes. Any additional data clocked
into the device will be ignored. When the CS pin is deasserted, the current sector lockdown state will be permanently
frozen within a time of tLOCK. In addition, the WEL bit in the Status Register will be reset back to the Logical 0 state, and
the SLE bit will be permanently reset to a Logical 0 to indicate that the Sector Lockdown command is permanently
disabled.
The three complete and correct address bytes and the confirmation byte must be clocked into the device before the CS
pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the
device will abort the operation. When the device aborts the Freeze Sector Lockdown State operation, the WEL bit in the
Status Register will be reset to a Logical 0; however, the state of the SLE bit will be unchanged.
Figure 10-2. Freeze Sector Lockdown State
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110011
67
5
49
839
37 38
33
36
35
34
31 32
29 30
Opcode
High-impedance
AA
AAA
A
MSB
11010000
Address Bits A23-A0
Confirmation Byte In
SCK
CS
SI
SO
MSB
MSB
23
1
0
00110100
67
5
49
839
37 38
33
36
35
34
31 32
29 30
Opcode
High-impedance
01
000
0
MSB
11010000
Address Bits A23-A0
Confirmation Byte In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com