Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 30 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 30 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 26Page - Dialog Semiconductor AT25DF641A Datasheet HTML 27Page - Dialog Semiconductor AT25DF641A Datasheet HTML 28Page - Dialog Semiconductor AT25DF641A Datasheet HTML 29Page - Dialog Semiconductor AT25DF641A Datasheet HTML 30Page - Dialog Semiconductor AT25DF641A Datasheet HTML 31Page - Dialog Semiconductor AT25DF641A Datasheet HTML 32Page - Dialog Semiconductor AT25DF641A Datasheet HTML 33Page - Dialog Semiconductor AT25DF641A Datasheet HTML 34Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
29
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
10.
Security Commands
10.1 Sector Lockdown
Certain applications require that portions of the Flash memory array be permanently protected against malicious
attempts at altering program code, data modules, security information or encryption/decryption algorithms, keys, and
routines. To address these applications, the device incorporates a sector lockdown mechanism that allows any
combination of individual 64KB sectors to be permanently locked so that they become read-only. Once a sector is locked
down, it can never be erased or programmed again, and it can never be unlocked from the locked down state.
Each 64KB physical sector has a corresponding single-bit Sector Lockdown Register that is used to control the lockdown
status of that sector. These registers are nonvolatile and will retain their state even after a device power-cycle or reset
operation. The following table outlines the two states of the Sector Lockdown Registers.
Table 10-1. Sector Lockdown Register Values
Issuing the Sector Lockdown command to a particular sector address will set the corresponding Sector Lockdown
Register to the Logical 1 state. Each Sector Lockdown Register can only be set once; therefore, once set to the Logical 1
state, a Sector Lockdown Register cannot be reset back to the Logical 0 state.
Before the Sector Lockdown command can be issued, the Write Enable command must have been previously issued to
set the WEL bit in the Status Register to a Logical 1. In addition, the Sector Lockdown Enabled (SLE) bit in the Status
Register must have also been previously set to the Logical 1 state by using the Write Status Register Byte 2 command
(see “Write Status Register Byte 2” on page 40). To issue the Sector Lockdown command, the CS pin must first be
asserted and then the opcode 33h must be clocked into the device followed by three address bytes designating any
address within the 64KB sector to be locked down. After the three address bytes have been clocked in, a confirmation
byte of D0h must also be clocked in immediately following the three address bytes. Any additional data clocked into the
device after the first byte of data will be ignored. When the CS pin is deasserted, the Sector Lockdown Register
corresponding to the sector addressed by A23-A0 will be set to the Logical 1 state, and the sector itself will then be
permanently locked down from program and erase operations within a time of tLOCK. In addition, the WEL bit in the
Status Register will be reset back to the Logical 0 state.
The three complete address bytes and the correct confirmation byte value of D0h must be clocked into the device before
the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation. When the device aborts the Sector Lockdown operation, the state of the
corresponding Sector Lockdown Register as well as the SLE bit in the Status Register will be unchanged; however, the
WEL bit in the Status Register will be reset to a Logical 0.
As a safeguard against accidental or erroneous locking down of sectors, the Sector Lockdown command can be enabled
and disabled as needed by using the SLE bit in the Status Register. In addition, the current sector lockdown state can be
frozen so that no further modifications to the Sector Lockdown Registers can be made (see “Freeze Sector Lockdown
State” ). If the Sector Lockdown command is disabled or if the sector lockdown state is frozen, then any attempts to issue
the Sector Lockdown command will be ignored, and the device will reset the WEL bit in the Status Register back to a
Logical 0 and return to the idle state once the CS pin has been deasserted.
Value
Sector Lockdown Status
0
Sector is not locked down and can be programmed and erased. This is the default state.
1
Sector is permanently locked down and can never be programmed or erased again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com