Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641A Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # AT25DF641A
Description  64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual?밒/O Support
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DF641A Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button AT25DF641A Datasheet HTML 7Page - Dialog Semiconductor AT25DF641A Datasheet HTML 8Page - Dialog Semiconductor AT25DF641A Datasheet HTML 9Page - Dialog Semiconductor AT25DF641A Datasheet HTML 10Page - Dialog Semiconductor AT25DF641A Datasheet HTML 11Page - Dialog Semiconductor AT25DF641A Datasheet HTML 12Page - Dialog Semiconductor AT25DF641A Datasheet HTML 13Page - Dialog Semiconductor AT25DF641A Datasheet HTML 14Page - Dialog Semiconductor AT25DF641A Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
10
AT25DF641A [DATASHEET]
8793F–DFLASH–11/2017
Figure 7-1. Read Array – 1Bh Opcode
Figure 7-2. Read Array – 0Bh Opcode
Figure 7-3. Read Array – 03h Opcode
SCK
CS
SI
SO
MSB
MSB
23
1
0
00011011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
50 51
49
52
55 56
54
53
Opcode
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
Dummy Byte
MSB
XXXXXXXX
Dummy Byte
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
00001011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
Opcode
AAAA
AAA
AA
MSB
XXXXXXXX
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
Dummy Byte
Data Byte 1
High-impedance
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000011
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
Opcode
AAAA
AAA
AA
MSB
MSB
DDDDDDDD
D
D
Address Bits A23-A0
Data Byte 1
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com