Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 5 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 5 Page - Analog Devices

  ADPA7005CHIP Datasheet HTML 1Page - Analog Devices ADPA7005CHIP Datasheet HTML 2Page - Analog Devices ADPA7005CHIP Datasheet HTML 3Page - Analog Devices ADPA7005CHIP Datasheet HTML 4Page - Analog Devices ADPA7005CHIP Datasheet HTML 5Page - Analog Devices ADPA7005CHIP Datasheet HTML 6Page - Analog Devices ADPA7005CHIP Datasheet HTML 7Page - Analog Devices ADPA7005CHIP Datasheet HTML 8Page - Analog Devices ADPA7005CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
ADPA7005CHIP
Rev. 0 | Page 5 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Signal Input. This pad is ac-coupled and matched to 50 Ω.
2, 12
VGG1, VGG2
Amplifier Gate Control. External bypass capacitors of 4.7 μF, 0.01 μF, and 100 pF are
required. ESD protection diodes are included and turn on below −1.5 V.
3, 4, 5, 9, 10, 11
VDD5, VDD3, VDD1, VDD2, VDD4, VDD6
Drain Bias for the amplifier. External bypass capacitors of 4.7 μF, 0.01 μF, and 100 pF
are required.
6
VREF
Reference Diode. Use this pin in combination with VDET. The voltage provides
temperature compensation to the VDET RF output power measurements.
7
RFOUT
RF Signal Output. This pad is ac-coupled and matched to 50 Ω.
8
VDET
Detector Diode Used for Measuring the RF Output Power. Detection via this pin
requires the application of a dc bias voltage through an external series resistor. Used
in combination with VREF, the difference voltage, VREF − VDET, is a temperature
compensated dc voltage proportional to the RF output power.
Die Bottom
GND
Ground. The pads and die bottom must be connected to RF and dc ground.
VGG1
VDD5
VDD1
VREF
RFIN
RFOUT
VDET
VDD2
VDD4
VDD6
VGG2
9
1
7
10
11
12
VDD3
2
3
5
6
8
4
ADPA7005
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com