Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 12Page - Analog Devices ADPA7005CHIP Datasheet HTML 13Page - Analog Devices ADPA7005CHIP Datasheet HTML 14Page - Analog Devices ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices ADPA7005CHIP Datasheet HTML 17Page - Analog Devices ADPA7005CHIP Datasheet HTML 18Page - Analog Devices ADPA7005CHIP Datasheet HTML 19Page - Analog Devices ADPA7005CHIP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADPA7005CHIP
Data Sheet
Rev. 0 | Page 16 of 23
Figure 53. High Frequency Output Wideband Matching
Handling Precautions
To avoid permanent damage, follow these storage, cleanliness,
static sensitivity, transient, and general handling precautions:
Place all bare die in either waffle or gel-based ESD protective
containers and then seal the die in an ESD protective bag for
shipment. After the sealed ESD protective bag is opened, store
all die in a dry nitrogen environment.
Handle the chips in a clean environment. Do not attempt
to clean the chip using liquid cleaning systems.
Follow ESD precautions to protect against ESD strikes.
While bias is applied, suppress instrument and bias supply
transients. Use shielded signal and bias cables to minimize
inductive pickup.
Handle the chip along the edges with a vacuum collet or
with a sharp pair of tweezers. The surface of the chip has
fragile air bridges and must not be touched with a vacuum
collet, tweezers, or fingers.
Mounting
Before the epoxy die is attached, apply a minimum amount of
epoxy to the mounting surface so that a thin epoxy fillet is
observed around the perimeter of the chip after the chip is
placed into position. Cure the epoxy per the schedule of the
manufacturer.
Wire Bonding
RF bonds made with 3 mil × 0. 5 mil gold ribbon
are recommended for the RF ports. These bonds must
be thermosonically bonded with a force of 40 g to 60 g.
Thermosonically bonded dc bonds of 0.025 mm diameter,
are recommended. Create ball bonds with a force of 40 g to 50 g
and wedge bonds with a force of 18 g to 22 g. Create all bonds
with a nominal stage temperature of 150°C. Apply the minimum
amount of ultrasonic energy (depending on the process and
package being used) to achieve reliable bonds. Keep all bonds as
short as possible, less than 0.31 mm.
Alternatively, short RF bonds that are ≤3 mm and made with
two 1 mm wires can be used.
MMIC
PCB BOARD
50Ω
TRANSMISSION LINE
MATCHING STUB/BONDPAD
SHUNT CAPACITANCE = 15fF
3mil GOLD
RIBBON
3m
ilGA
P
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com