Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 20 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices ADPA7005CHIP Datasheet HTML 17Page - Analog Devices ADPA7005CHIP Datasheet HTML 18Page - Analog Devices ADPA7005CHIP Datasheet HTML 19Page - Analog Devices ADPA7005CHIP Datasheet HTML 20Page - Analog Devices ADPA7005CHIP Datasheet HTML 21Page - Analog Devices ADPA7005CHIP Datasheet HTML 22Page - Analog Devices ADPA7005CHIP Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADPA7005CHIP
Data Sheet
Rev. 0 | Page 20 of 23
Figure 59. IDD vs. RF Input Power (PIN), VDD = 5 V, Frequency = 32 GHz for
Constant Drain Current Bias and Constant Gate Voltage Bias
Figure 60. POUT vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant Drain
Current Bias and Constant Gate Voltage Bias
Figure 61. PAE vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant Drain
Current Bias and Constant Gate Voltage Bias
Figure 62. Output P1dB vs. PIN, VDD = 5 V, Frequency = 32 GHz, Constant
Drain Current Bias and Constant Gate Voltage Bias
2000
1000
1200
1500
1600
1800
1900
1400
1100
1300
1700
–6
–4
2
6
10
14
–2
0
4
8
12
16
18
PIN (dBm)
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS
35
30
25
20
15
10
5
0
–6
–4
2
6
10
14
–2
0
4
8
12
16
18
PIN (dBm)
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS
20
0
4
10
12
16
18
8
2
6
14
–6
–4
2
6
10
14
–2
0
4
8
12
16
18
PIN (dBm)
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS
34
33
32
31
30
29
28
27
26
25
24
18
22
20
24
26
28
30
32
34
36
38
40
42
44
46
PIN (dBm)
CONSTANT GATE VOLTAGE BIAS
CONSTANT DRAIN CURRENT BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com