Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 11Page - Analog Devices ADPA7005CHIP Datasheet HTML 12Page - Analog Devices ADPA7005CHIP Datasheet HTML 13Page - Analog Devices ADPA7005CHIP Datasheet HTML 14Page - Analog Devices ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices ADPA7005CHIP Datasheet HTML 17Page - Analog Devices ADPA7005CHIP Datasheet HTML 18Page - Analog Devices ADPA7005CHIP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADPA7005CHIP
Rev. 0 | Page 15 of 23
APPLICATIONS INFORMATION
The ADPA7005CHIP is a GaAs, pHEMT, MMIC power
amplifier. Capacitive bypassing is required for all VGGx and VDDx
pins (see Figure 51). VGG1 is the gate bias pad for the top
cascaded amplifiers. VGG2 is the gate bias pad for the bottom
cascaded amplifiers. VDD1, VDD3, and VDD5 are drain bias pads for
the top cascaded amplifiers. VDD2, VDD4, and VDD6 are drain bias
pads for the bottom cascaded amplifiers.
All measurements for this device were taken using the typical
application circuit (see Figure 63) and were configured as shown
in the assembly diagram (Figure 64).
The following is the recommended bias sequence during power-up:
1. Connect GND to RF and dc ground.
2. Set all gate bias voltages, VGG1 and VGG2, to −2 V.
3. Set all drain bias voltages, VDDxx, to 5 V.
4. Increase the gate bias voltage to achieve the quiescent
supply current and set IDQ, = 1200 mA.
5. Apply the RF signal.
The following is the recommended bias sequence during
power-down:
1. Turn off the RF signal.
2. Decrease the gate bias voltages, VGG1 and VGG2, to −2 V to
achieve an IDQ = 0 mA (approximately).
3. Decrease all drain bias voltages to 0 V.
4. Increase the VGG1 and VGG2 gate bias voltage to 0 V.
Figure 51. Simplified Block Diagram
Simplified bias pad connections to the dedicated gain stages and
dependence and independence among pads are shown in
Figure 51.
The VDD = 5 V and IDD = 1200 mA bias conditions are recom-
mended to optimize overall performance. Unless otherwise noted,
the data shown was taken using the recommended bias conditions.
Operation of the ADPA7005CHIP at different bias conditions may
provide performance that differs from what is shown in Figure 63
and Figure 64. Biasing the ADPA7005CHIP for higher drain
current typically results in higher P1dB, output IP3, and gain at the
expense of increased power consumption (see Table 7).
MOUNTING AND BONDING TECHNIQUES FOR
MILLIMETERWAVE GaAs MMICS
Attach the die directly to the ground plane with conductive
epoxy (see the Handling Precautions section, the Mounting
section, and the Wire Bonding section).
Microstrip, 50 Ω transmission lines on 0.127 mm thick alumina
thin film substrates are recommended for bringing the RF to
and from the chip. Raise the die 0.075 mm to ensure that the
surface of the die is coplanar with the surface of the substrate.
Place the microstrip substrates as close to the die as possible to
minimize ribbon bond length. Typical die to substrate spacing
is 0.076 mm to 0.152 mm. To ensure wideband matching, a
15 fF capacitive stub is recommended on the PCB before the
ribbon bond.
Figure 52. High Frequency Input Wideband Matching
Table 7. Power Selection Table1, 2
IDQ (mA)
Gain (dB)
P1dB (dBm)
OIP3 (dBm)
PDISS (W)
VGG (V)
1200
17
32.0
42
6
−0.59
1400
17.4
32.3
40.2
7
−0.53
1600
17.7
32.5
38.4
8
−0.46
1
Data taken at the following nominal bias conditions: VDD = 5 V, T = 25°C.
2
Adjust VGG1 and VGG2 from −2 V to 0 V to achieve the desired drain current.
VGG1
VGG2
VDD5
VDD3
VDD1
VDD6
VDD4
VDD2
RFOUT
RFIN
MMIC
PCB BOARD
50Ω
TRANSMISSION LINE
MATCHING STUB/BONDPAD
SHUNT CAPACITANCE = 15fF
3mil GOLD
RIBBON
3mil GAP
RFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com