Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 8Page - Analog Devices ADPA7005CHIP Datasheet HTML 9Page - Analog Devices ADPA7005CHIP Datasheet HTML 10Page - Analog Devices ADPA7005CHIP Datasheet HTML 11Page - Analog Devices ADPA7005CHIP Datasheet HTML 12Page - Analog Devices ADPA7005CHIP Datasheet HTML 13Page - Analog Devices ADPA7005CHIP Datasheet HTML 14Page - Analog Devices ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADPA7005CHIP
Data Sheet
Rev. 0 | Page 12 of 23
Figure 40. Output IP3 vs Frequency for Various IDQ, POUT per Tone = 14 dBm,
VDD = 5 V
Figure 41. Quiescent Drain Supply Current vs. Gate Supply Voltage
Figure 42. Supply Current IDD vs. Input Power at Various Frequencies,
VDD = 5 V, IDD = 1200 mA
Figure 43. Third-Order Intermodulation (IM3) Distortion Relative to Carrier vs.
POUT per Tone, VDD = 4 V, IDQ = 1200 mA
Figure 44. IM3 Distortion Relative to Carrier vs. POUT per Tone, VDD = 5 V,
IDQ = 1200 mA
Figure 45. VREF – VDET vs. Output Power for Various Temperatures at 32 GHz
46
20
22
24
26
28
30
32
34
36
38
40
42
44
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
1600mA
1400mA
1200mA
2000
0
–1.5
–0.5
GATE SUPPLY VOLTAGE (V)
200
400
600
800
1000
1200
1400
1600
1800
–1.4
–1.3
–1.2
–1.1
–1.0
–0.9
–0.8
–0.7
–0.6
2300
1100
–4
20
INPUT POWER (dBm)
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
–2
0
2
4
6
8
10
12
14
16
18
22GHz
26GHz
30GHz
34GHz
38GHz
42GHz
90
10
0
22
POUT PER TONE (dBm)
20
30
40
50
60
70
80
2
4
6
8
10
12
14
16
18
20
22GHz
26GHz
30GHz
34GHz
38GHz
42GHz
90
10
0
22
20
30
40
50
60
70
80
2
4
6
8
10
12
14
16
18
20
22GHz
26GHz
30GHz
34GHz
38GHz
42GHz
POUT PER TONE (dBm)
1.0
0.1
0.01
0.001
4
34
OUTPUT POWER (dBm)
6
8
10 12 14 16 18 20 22 24 26 28 30 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com