Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 8 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 4Page - Analog Devices ADPA7005CHIP Datasheet HTML 5Page - Analog Devices ADPA7005CHIP Datasheet HTML 6Page - Analog Devices ADPA7005CHIP Datasheet HTML 7Page - Analog Devices ADPA7005CHIP Datasheet HTML 8Page - Analog Devices ADPA7005CHIP Datasheet HTML 9Page - Analog Devices ADPA7005CHIP Datasheet HTML 10Page - Analog Devices ADPA7005CHIP Datasheet HTML 11Page - Analog Devices ADPA7005CHIP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADPA7005CHIP
Data Sheet
Rev. 0 | Page 8 of 23
Figure 16. Input Return Loss vs. Frequency for Various IDQ, VDD = 5 V
Figure 17. Output Return Loss vs Frequency for Various VDD, IDQ = 1200 mA
Figure 18. Reverse Isolation vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 1200 mA
Figure 19. Output Return Loss vs. Frequency for Various Temperature,
VDD = 5 V, IDQ = 1200 mA
Figure 20. Output Return Loss vs. Frequency for Various IDQ, VDD = 5 V
Figure 21. Noise Figure vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1200 mA
0
–25
–20
–15
–10
–5
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
1600mA
1400mA
1200mA
0
–30
–25
–20
–15
–10
–5
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
4V
5V
0
–70
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
+85°C
+25°C
–55°C
–60
–50
–40
–30
–20
–10
0
–25
–20
–15
–10
–5
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
+85°C
+25°C
–55°C
0
–25
–20
–15
–10
–5
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
1600mA
1400mA
1200mA
12
0
2
4
6
8
10
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
+85°C
+25°C
–55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com