Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 2 Page - Analog Devices

  ADPA7005CHIP Datasheet HTML 1Page - Analog Devices ADPA7005CHIP Datasheet HTML 2Page - Analog Devices ADPA7005CHIP Datasheet HTML 3Page - Analog Devices ADPA7005CHIP Datasheet HTML 4Page - Analog Devices ADPA7005CHIP Datasheet HTML 5Page - Analog Devices ADPA7005CHIP Datasheet HTML 6Page - Analog Devices ADPA7005CHIP Datasheet HTML 7Page - Analog Devices ADPA7005CHIP Datasheet HTML 8Page - Analog Devices ADPA7005CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADPA7005CHIP
Data Sheet
Rev. 0 | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
20 GHz to 34 GHz Frequency Range......................................... 3
34 GHz to 44 GHz Frequency Range......................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 6
Typical Performance Characteristic............................................... 7
Constant IDD Operation ............................................................. 13
Theory of Operation ...................................................................... 14
Applications Information .............................................................. 15
Mounting and Bonding Techniques for Millimeterwave GaAs
MMICs......................................................................................... 15
Biasing ADPA7005CHIP with the HMC980LP4E .................... 17
Application Circuit Setup.......................................................... 17
Limiting VGATE for ADPA7005CHIP VGGx AMR (Absolute
Maximum Rating) Requirement.............................................. 17
HMC980LP4E Bias Sequence.................................................... 19
Constant Drain Current Biasing vs. Constant Gate Voltage
Biasing.......................................................................................... 19
Typical Application Circuit........................................................... 21
Assembly Diagram ......................................................................... 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
2/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com