Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 18 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 18 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 14Page - Analog Devices ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices ADPA7005CHIP Datasheet HTML 17Page - Analog Devices ADPA7005CHIP Datasheet HTML 18Page - Analog Devices ADPA7005CHIP Datasheet HTML 19Page - Analog Devices ADPA7005CHIP Datasheet HTML 20Page - Analog Devices ADPA7005CHIP Datasheet HTML 21Page - Analog Devices ADPA7005CHIP Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADPA7005CHIP
Data Sheet
Rev. 0 | Page 18 of 23
Figure 55. Application Circuit using HMC980LP4E with ADPA7005CHIP
Figure 56. Application Circuit using HMC980LP4E with ADPA7005CHIP with External Negative Voltage Source
ADPA7005CHI P
VDRAIN
VGATE
2
HMC980LP4E
1
4
3
10
9
12
11
17
18
15
16
21
22
19
20
VDD
VDD5
C2
10nF
C1
4.7µF
C5
10nF
C4
4.7µF
VDIG
3.3V TO 5V
8
7
6
5
13
14
23
24
VDRAIN
VNEG
R11
301Ω
R12
301Ω
R13
4.75kΩ
R14
10kΩ
VDD
S1
C3
100pF
VDD1
ALM
VG2
VG2_CONT
C6
1µF
D1 DUAL SCHOTTKY
C6
10µF
EN
VDD
6.12V
2
1
RFIN
RFOUT
3
4
5
6
7
8
12
11
9
0
1
R10
93.1Ω
VDRAIN = 5V
VGATE
R15
866kΩ
R16
634kΩ
IDRAIN = 1.6A
VGG2
C15
4.7µF
C16
1000pF
C17
100pF
VGG1
C7
4.7µF
C8
1000pF
C9
100pF
C21
4.7µF
C20
1000pF
C19
100pF
C18
100pF
C22
100pF
C13
4.7µF
C12
1000pF
C11
100pF
C10
100pF
C14
100pF
VDD1
VDD3
VDD1
VREF
VDET
VDD6
VDD4
VDD2
ADPA7005CHI P
VDRAIN
VGATE
2
HMC980LP4E
1
4
3
10
9
12
11
17
18
15
16
21
22
19
20
VDD
S0
C2
10nF
C1
4.7µF
C5
10nF
C4
4.7µF
VDIG
3.3V TO 5V
8
7
6
5
13
14
23
24
VDRAIN
VNEG
R11
301Ω
R12
301Ω
R13
4.75kΩ
R14
10kΩ
VDD
S1
C3
100pF
EN
ALM
VG2
VG2_CONT
EN
VDD
6.12V
2
1
RFIN
RFOUT
3
4
5
6
7
8
12
11
9
0
1
R10
93.1Ω
VDRAIN = 5V
VGATE
R15
732kΩ
R16
634kΩ
IDRAIN = 1.6A
C15
4.7µF
C16
1000pF
C17
100pF
C7
4.7µF
C8
1000pF
C9
100pF
C21
4.7µF
C20
1000pF
C19
100pF
C18
100pF
C22
100pF
C13
4.7µF
C12
1000pF
C11
100pF
C10
100pF
C14
100pF
VNEG
–1.5V
VGG2
VGG1
VDD1
VDD3
VDD1
VDD6
VDD4
VDD2
VREF
VDET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com