Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 9Page - Analog Devices ADPA7005CHIP Datasheet HTML 10Page - Analog Devices ADPA7005CHIP Datasheet HTML 11Page - Analog Devices ADPA7005CHIP Datasheet HTML 12Page - Analog Devices ADPA7005CHIP Datasheet HTML 13Page - Analog Devices ADPA7005CHIP Datasheet HTML 14Page - Analog Devices ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices ADPA7005CHIP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADPA7005CHIP
Rev. 0 | Page 13 of 23
CONSTANT IDD OPERATION
Biased with HMC980LP4E active bias controller (see Figure 55), TA = 25°C, VDD = 5 V, and IDD = 1600 mA for nominal operation, unless
otherwise noted.
Figure 46. P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
Figure 47. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
Figure 48. P1dB vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD
Figure 49. PSAT vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD
34
10
20
44
12
14
16
18
20
22
24
26
28
30
32
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
+85°C
+25°C
–55°C
34
10
20
44
12
14
16
18
20
22
24
26
28
30
32
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
+85°C
+25°C
–55°C
34
10
20
44
12
14
16
18
20
22
24
26
28
30
32
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
1800mA
1600mA
1400mA
1200mA
34
10
20
44
12
14
16
18
20
22
24
26
28
30
32
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
1800mA
1600mA
1400mA
1200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com