Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 10Page - Analog Devices ADPA7005CHIP Datasheet HTML 11Page - Analog Devices ADPA7005CHIP Datasheet HTML 12Page - Analog Devices ADPA7005CHIP Datasheet HTML 13Page - Analog Devices ADPA7005CHIP Datasheet HTML 14Page - Analog Devices ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices ADPA7005CHIP Datasheet HTML 17Page - Analog Devices ADPA7005CHIP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADPA7005CHIP
Data Sheet
Rev. 0 | Page 14 of 23
THEORY OF OPERATION
The architecture of the ADPA7005CHIP, a medium power
amplifier, is shown in Figure 50. The ADPA7005CHIP uses two
cascaded, three stage amplifiers operating in quadrature
between six 90° hybrids.
The input signal is divided evenly into two, and then each signal
is divided into two again. Each of these new paths are amplified
through three independent gain stages. The amplified signals
are then combined at the output. This balanced amplifier
approach forms an amplifier with a combined gain of 15 dB and
a PSAT value of 32 dBm.
A portion of the RF output signal is directionally coupled to a
diode for detection of the RF output power. When the diode is
dc biased, the diode rectifies the RF power and makes the RF
power available for measurement as a dc voltage at VDET. To
allow temperature compensation of VDET, an identical and
symmetrically located circuit, minus the coupled RF power, is
available via VREF. Taking the difference of VREF − VDET
provides a temperature compensated signal that is proportional
to the RF output (see Figure 50).
The 90° hybrids ensure that the input and output return losses
are greater than 15 dB. See the application circuits shown in
Figure 63 and Figure 64 for further details on biasing the
various blocks.
Figure 50. ADPA7005CHIP Architecture
DIRECTIONAL
COUPLER
90° COUPLER
VREF VDET
RFOUT
RFIN
90° COUPLER
90° COUPLER
90° COUPLER
THREE STAGE BALANCED AMPLIFIER
THREE STAGE BALANCED AMPLIFIER
90° COUPLER
90° COUPLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com