Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 1 Page - Analog Devices

  ADPA7005CHIP Datasheet HTML 1Page - Analog Devices ADPA7005CHIP Datasheet HTML 2Page - Analog Devices ADPA7005CHIP Datasheet HTML 3Page - Analog Devices ADPA7005CHIP Datasheet HTML 4Page - Analog Devices ADPA7005CHIP Datasheet HTML 5Page - Analog Devices ADPA7005CHIP Datasheet HTML 6Page - Analog Devices ADPA7005CHIP Datasheet HTML 7Page - Analog Devices ADPA7005CHIP Datasheet HTML 8Page - Analog Devices ADPA7005CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GaAs, pHEMT, MMIC,1 W Power Amplifier,
20 GHz to 44 GHz
Data Sheet
ADPA7005CHIP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochange withoutnotice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output P1dB: 31 dBm typical at 20 GHz to 34 GHz
PSAT: 32 dBm typical at 20 GHz to 34 GHz
Gain: 17 dB typical at 20 GHz to 34 GHz
Output IP3: 41 dBm typical at 20 GHz to 34 GHz
Supply voltage: 5 V at 1200 mA maximum
50 Ω matched input/output
Die size: 3.75 mm × 3.47 mm × 0.1 mm
APPLICATIONS
Military and space
Test instrumentation
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADPA7005CHIP is a gallium arsenide (GaAs),
pseudomorphic high electron mobility transistor (pHEMT),
monolithic microwave integrated circuit (MMIC), distributed
power amplifier that operates from 20 GHz to 44 GHz. The
amplifier provides 17 dB of small signal gain, 31 dBm output
power for 1 dB compression (P1dB), and a typical output third-
order intercept (IP3) of 41 dBm. The ADPA7005CHIP requires
1200 mA from a 5 V supply on the supply voltage (VDD) and
features inputs and outputs that are internally matched to 50 Ω,
facilitating integration into multichip modules (MCMs). All
data is taken with the chip connected via two 0.025 mm wire
bonds that are at least 0.31 mm long.
VGG1
VDD5
VDD1
VREF
RFIN
RFOUT
VDET
VDD2
VDD4
VDD6
VGG2
VDD3


Similar Part No. - ADPA7005CHIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7005 AD-ADPA7005 Datasheet
2Mb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
1/2022 Rev. A
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
2Mb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
1/2022 Rev. A
ADPA7005AEHZ AD-ADPA7005AEHZ Datasheet
2Mb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
1/2022 Rev. A
ADPA7005AEHZ-R7 AD-ADPA7005AEHZ-R7 Datasheet
2Mb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
1/2022 Rev. A
More results

Similar Description - ADPA7005CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC464LP5 HITTITE-HMC464LP5_09 Datasheet
242Kb / 6P
GaAs PHEMT MMIC POWER AMPLIFIER, 2 - 20 GHz
HMC559 HITTITE-HMC559_09 Datasheet
306Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 20 GHz
logo
Analog Devices
ADPA7008CHIP AD-ADPA7008CHIP Datasheet
403Kb / 26P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
3/2021-Revision 0
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com