Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 7Page - Analog Devices ADPA7005CHIP Datasheet HTML 8Page - Analog Devices ADPA7005CHIP Datasheet HTML 9Page - Analog Devices ADPA7005CHIP Datasheet HTML 10Page - Analog Devices ADPA7005CHIP Datasheet HTML 11Page - Analog Devices ADPA7005CHIP Datasheet HTML 12Page - Analog Devices ADPA7005CHIP Datasheet HTML 13Page - Analog Devices ADPA7005CHIP Datasheet HTML 14Page - Analog Devices ADPA7005CHIP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADPA7005CHIP
Rev. 0 | Page 11 of 23
Figure 34. POUT, Gain, PAE, and IDD vs. Input Power,
34 GHz, VDD = 5 V, IDD = 1200 mA
Figure 35. POUT, Gain, PAE, and IDD vs. Input Power,
42 GHz, VDD = 5 V, IDD = 1200 mA
Figure 36. Output IP3 vs. Frequency for Various Temperatures,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1200 mA
Figure 37. POUT, Gain, PAE, and IDD vs. Input Power,
38 GHz, VDD = 5 V, IDD = 1200 mA
Figure 38. Power Dissipation vs. Input Power at T = 85°C, VDD = 5 V,
IDD = 1200 mA
Figure 39. Output IP3 vs. Frequency for Various VDD,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1200 mA
35
0
–4
–2
20
INPUT POWER (dBm)
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
1977
1200
POUT
GAIN
PAE
IDD
1311
1422
1533
1644
1755
1866
35
0
–4
–2
20
INPUT POWER (dBm)
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
2215
1200
POUT
GAIN
PAE
IDD
1345
1490
1635
1780
1925
2070
46
20
22
24
26
28
30
32
34
36
38
40
42
44
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
+85°C
+25°C
–55°C
35
0
–4
–2
20
INPUT POWER (dBm)
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
1977
1200
POUT
GAIN
PAE
IDD
1311
1422
1533
1644
1755
1866
8.0
4.0
–5
20
INPUT POWER (dBm)
4.5
5.0
5.5
6.0
6.5
7.0
7.5
0
5
10
15
42GHz
38GHz
34GHz
30GHz
26GHz
22GHz
46
20
22
24
26
28
30
32
34
36
38
40
42
44
20
44
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
4V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com