Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 9 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 5Page - Analog Devices ADPA7005CHIP Datasheet HTML 6Page - Analog Devices ADPA7005CHIP Datasheet HTML 7Page - Analog Devices ADPA7005CHIP Datasheet HTML 8Page - Analog Devices ADPA7005CHIP Datasheet HTML 9Page - Analog Devices ADPA7005CHIP Datasheet HTML 10Page - Analog Devices ADPA7005CHIP Datasheet HTML 11Page - Analog Devices ADPA7005CHIP Datasheet HTML 12Page - Analog Devices ADPA7005CHIP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
ADPA7005CHIP
Rev. 0 | Page 9 of 23
Figure 22. Output P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1200 mA
Figure 23. P1dB vs. Frequency for Various IDQ, VDD = 5 V
Figure 24. PSAT vs. Frequency for Various VDD, IDQ = 1200 mA
Figure 25. P1dB vs. Frequency for Various VDD, IDQ = 1200 mA
Figure 26. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
IDQ = 1200 mA
Figure 27. PSAT vs. Frequency for Various IDQ, VDD = 5 V
36
10
20
44
12
14
16
18
20
22
24
26
28
30
32
34
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
+85°C
+25°C
–55°C
36
10
20
44
12
14
16
18
20
22
24
26
28
30
32
34
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
1600mA
1400mA
1200mA
36
10
20
44
12
14
16
18
20
22
24
26
28
30
32
34
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
4V
5V
36
10
20
44
12
14
16
18
20
22
24
26
28
30
32
34
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
4V
5V
36
10
20
44
12
14
16
18
20
22
24
26
28
30
32
34
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
+85°C
+25°C
–55°C
36
10
20
44
12
14
16
18
20
22
24
26
28
30
32
34
22
24
26
28
30
32
34
36
38
40
42
FREQUENCY (GHz)
1600mA
1400mA
1200mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com