Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7005CHIP Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7005CHIP
Description  GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7005CHIP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7005CHIP Datasheet HTML 15Page - Analog Devices ADPA7005CHIP Datasheet HTML 16Page - Analog Devices ADPA7005CHIP Datasheet HTML 17Page - Analog Devices ADPA7005CHIP Datasheet HTML 18Page - Analog Devices ADPA7005CHIP Datasheet HTML 19Page - Analog Devices ADPA7005CHIP Datasheet HTML 20Page - Analog Devices ADPA7005CHIP Datasheet HTML 21Page - Analog Devices ADPA7005CHIP Datasheet HTML 22Page - Analog Devices ADPA7005CHIP Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADPA7005CHIP
Rev. 0 | Page 19 of 23
HMC980LP4E BIAS SEQUENCE
The dc supply sequencing in the Power-Up Sequence section
and the Power-Down Sequence section is required to prevent
damage to the HMC980LP4E when using it to control the
ADPA7005CHIP.
Power-Up Sequence
The power-up sequence is as follows:
1.
VDIG = 3.3 V
2.
S0 = 3.3 V
3.
VDD = 5.68 V
4.
VNEG = −1.5 V (unnecessary if using internally
generated voltage)
5.
EN = 3.3 V (transition from 0 V to 3.3 V turns on VGATE
and VDRAIN)
Power-Down Sequence
The power-down sequence is as follows:
1.
EN = 0 V (transition from 3.3 V to 0 V turns off VDRAIN
and VGATE)
2.
VNEG = 0 V (unnecessary if using internally generated
voltage)
3.
VDD = 0 V
4.
S0 = 0 V
5.
VDIG = 0 V
After the HMC980LP4E bias control circuit is set up, toggle
the bias to the ADPA7005CHIP on or off by applying 3.3 V or
0 V, respectively, to the EN pad. At EN = 3.3 V, VGATE drops to
−1.5 V and VDRAIN turns on at 5 V. VGATE then rises until
IDRAIN = 800 mA, and the closed control loop regulates IDRAIN at
1600 mA. When EN = 0 V, VGATE is set to −1.5 V, and
VDRAIN is set to 0 V (see Figure 57 and Figure 58).
Figure 57. Turn On HMC980LP4E Outputs to ADPA7005CHIP
Figure 58. Turn Off HMC980LP4E Outputs to ADPA7005CHIP
CONSTANT DRAIN CURRENT BIASING vs.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses a closed-loop feedback to continuously
adjust VGATE to maintain a constant gate current bias over dc
supply variation, temperature, and part to part variation. In
addition, constant drain current bias is the optimum method
for reducing time in calibration procedures and for maintaining
consistent performance over time. By comparing with a constant
gate voltage bias where the current is driven to increase when RF
power is applied, a slightly lower output P1dB is seen with a
constant drain current bias. This output P1db is displayed in
Figure 62, where the RF performance is slightly lower than
constant gate voltage bias operation due to a lower drain current at
the high input powers as the device reaches 1 dB compression.
The output P1dB performance for constant drain current bias
can be increased towards constant gate voltage bias
performance by increasing the set current towards the IDD it
would reach under RF drive in the constant gate voltage bias
condition, as shown in Figure 62. The limit of increasing IDQ
under the constant current operation is set by the thermal
limitations that can be found in the absolute maximum ratings
table (see Table 3) from the amplifier data sheet with the
maximum power dissipation specification. As the IDD increase
continues, the actual output P1dB does not continue to increase
indefinitely, and the power dissipation increases. Therefore,
take the exchange between the power dissipation and output
P1dB performance into consideration when using constant
drain current biasing.
3
CH1 2V
CH3 2V
CH2 1V
CH4 2V
M20.0ms
A CH1
1.12V
50.00%
1
T
VDD
VDRAIN
EN
VGATE
3
CH1 2V
CH3 2V
CH2 1V
CH4 2V
M20.0ms
A CH1
1.12V
50.00%
1
T
VDD
VDRAIN
EN
VGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com