Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 21 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 21 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 17Page - Microchip Technology ECE1200 Datasheet HTML 18Page - Microchip Technology ECE1200 Datasheet HTML 19Page - Microchip Technology ECE1200 Datasheet HTML 20Page - Microchip Technology ECE1200 Datasheet HTML 21Page - Microchip Technology ECE1200 Datasheet HTML 22Page - Microchip Technology ECE1200 Datasheet HTML 23Page - Microchip Technology ECE1200 Datasheet HTML 24Page - Microchip Technology ECE1200 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 21
ECE1200
4.4
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
4.4.1
POWER DOMAINS
4.4.2
CLOCKING
The LPC Interface runs from a 48MHz internal reference, 48 MHz Ring Oscillator, which is derived from the SUSCLK
input. In turn, it generates the 24MHz timebase for the LPC clocks.
4.4.3
RESETS
For the sequences of Power and Reset state transitions, see Section 9.7, "System Power State Transition Diagrams,"
on page 70.
4.5
LPC Controller Description
The LPC Controller is compliant with the Intel® Low Pin Count (LPC) Interface Specification, v1.1. Section 4.5.1, "Cycle
Types Generated" further clarifies which LPC Interface features have been implemented and qualifies any system spe-
cific requirements.
The LPC Controller accepts all eSPI I/O and Memory traffic that is directed to it from the Chipset, and passes it to the
LPC bus except for the two I/O addresses used for accessing its internal register set (see Section 6.0, "Device Register
Set and Initialization," on page 33). Traffic that is unclaimed or rejected on the LPC bus may optionally be detected and
reported to the Chipset by selectable eSPI mechanisms.
Slave devices on LPC may use the SER_IRQ mechanism to notify the host of an event.See Section 4.7, "Serial IRQ,"
on page 23.
The CLKRUN# feature is provided, allowing negotiation with LPC slave devices to turn off the LPC clock(s) as desired.
4.5.1
CYCLE TYPES GENERATED
The following cycle types are generated by the LPC Interface Controller. Note that they are all 1 byte in length. eSPI I/O
or Memory cycles that are larger than 1 byte are allowed, and are broken down into individual bytes, transferred least-
significant byte first.
Name
Description
LPC_EN
from PCH_PWROK
(VCC / Main / S0 On)
The LPC Interface block is powered by VTR_33 and VTR_CORE_18.
However, these features are active only while LPC_EN is high, indicating
that system Main (VCC / S0) power is also good. This is “Emulated VCC”
behavior.
Name
Description
RESETI#
Power on Reset to the entire chip, externally provided.
PLTRST#
(as LRESET#)
This is the Platform Reset, used to reset internal LPC resources.
TABLE 4-2:
LPC CYCLE TYPES GENERATED
Cycle Type
Transfer Size
I/O Read
1 byte
I/O Write
1 byte
Memory Read
1 byte
Memory Write
1 byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com