Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 76 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 76 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 72Page - Microchip Technology ECE1200 Datasheet HTML 73Page - Microchip Technology ECE1200 Datasheet HTML 74Page - Microchip Technology ECE1200 Datasheet HTML 75Page - Microchip Technology ECE1200 Datasheet HTML 76Page - Microchip Technology ECE1200 Datasheet HTML 77Page - Microchip Technology ECE1200 Datasheet HTML 78Page - Microchip Technology ECE1200 Datasheet HTML 79Page - Microchip Technology ECE1200 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 87 page
background image
ECE1200
DS00003093C Draft-page 76
 2018-2021 Microchip Technology Inc.
9.7.6
TEARDOWN FROM S5 TO VTR OFF
FIGURE 9-6:
TEARDOWN FROM S5 TO VTR OFF
LPC_EN
(pin in)
3.3V
eSPI_RESET#
(pin in)
3.3V
as System PCH_PWROK
PLTRST#
(pin in)
Sleep S3 to S5
(transitions
not relevant)
3.3V
Driven low
RESETI#
(pin in)
3.3V
VTR_xx
(power)
3.3V, 1.8V (valid)
as System RSMRST#
400ns
min
OOB_RESET_WARN
(VWire Down)
OOB_RESET_ACK
(VWire Up)
Mirrors WARN.
Edge not
transmitted:
mutual reset.
If BOOT_DONE = 0 do not transmit as a VWire.
Host receives ACK from the other eSPI slave.
If BOOT_DONE = 1
SUSWARN#
(VWire Down to
output pin)
SUSACK#
(VWire Up from
input pin)
do not transmit as a VWire.
Host receives ACK from the other eSPI slave.
If BOOT_DONE = 0 ignore input pin;
If BOOT_DONE = 1
System wraps from SUSWARN# pin,
either directly or with delay for power mgmt.
Permission to
cycle VTR off.
(Removed
on ACK=1)
SUS_PWRDN_ACK
(VWire Down to
output pin)
SUSPWRDNACK to output pin:
status to system; no internal use.
(Non-DSW alternative to
SUSWARN# / SUSACK# handshake)
Running
SUSCLK
32KHz
3.3V
Running
eSPI Bus
1.8V
3.3V
3.3V
3.3V
(DSW feature: May not be exercised in all systems.)
Final
Transition
to VTR Off
Handshake Sequences
before VTR Off
Running
(non-DSW)
(non-DSW)
(DSW)
If BOOT_DONE = 0, this signal does not appear:
pin is HOST_RST_ACK instead.
ACK follows all WARN edges,
at all times, and will end low
in this specific sequence.
Reset event
(typ. no edges)
(DSW)
(non-DSW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com