Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 41 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 41 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 37Page - Microchip Technology ECE1200 Datasheet HTML 38Page - Microchip Technology ECE1200 Datasheet HTML 39Page - Microchip Technology ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology ECE1200 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 41
ECE1200
6.9.5
SYNC ABORT NON-POSTED ERROR HANDLING REGISTER
6.9.6
IOCHK NON-POSTED ERROR HANDLING REGISTER
6.9.7
IOCHK IDLE ERROR HANDLING REGISTER
Index
09h
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3:0 Handling selected for explicit ABORT Sync code on Non-
Posted LPC transfers, in addition to UNSUCCESSFUL COM-
PLETION eSPI response:
0h = No additional action
1h = Post VWire ERROR_NONFATAL
2h = Post VWire ERROR_FATAL
3h = Post VWire SMI#
4h = Post VWire SCI#
R/W
0h
PLTRST
Index
0Bh
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3:0 Handling selected for IOCHK# received during Non-Posted
LPC transfers. The LPC transfer will continue, and may suc-
ceed or fail on its own.
0h = No additional action
1h = Post VWire ERROR_NONFATAL
2h = Post VWire ERROR_FATAL
3h = Post VWire SMI#
4h = Post VWire SCI#
R/W
0h
PLTRST
Index
0Ch
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3:0 Handling selected for IOCHK# received while no LPC transfer
is in progress:
0h = No action (ignore)
1h = Post VWire ERROR_NONFATAL
2h = Post VWire ERROR_FATAL
3h = Post VWire SMI#
4h = Post VWire SCI#
R/W
0h
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com