Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 32 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 32 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 28Page - Microchip Technology ECE1200 Datasheet HTML 29Page - Microchip Technology ECE1200 Datasheet HTML 30Page - Microchip Technology ECE1200 Datasheet HTML 31Page - Microchip Technology ECE1200 Datasheet HTML 32Page - Microchip Technology ECE1200 Datasheet HTML 33Page - Microchip Technology ECE1200 Datasheet HTML 34Page - Microchip Technology ECE1200 Datasheet HTML 35Page - Microchip Technology ECE1200 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
ECE1200
DS00003093C Draft-page 32
 2018-2021 Microchip Technology Inc.
5.8.3
ESPI CHANNEL 0 (PERIPHERAL) CAPABILITIES AND CONFIGURATIONS REGISTER
5.8.4
ESPI CHANNEL 1 (VIRTUAL WIRE) CAPABILITIES AND CONFIGURATIONS REGISTER
Location
10h
Bits
Description
Type
Default
Reset Event
31:15 Reserved
R
0h
-
14:12 Max Read Request
R/W
001b
PLTRST
11 Reserved
R
0
-
10:8 Max Payload Size Selected
R/W
001b
PLTRST
7 Reserved
R
0
-
6:4 Max Payload Size Supported
R
001b
-
3 Reserved
R
0
-
2 Bus Master Enable
R/W
0
PLTRST
1 Ready (follows Enable bit)
R
1
PLTRST
0 Enable
R/W
1
PLTRST
Location 20h
Bits
Description
Type
Default
Reset
Event
31:22 Reserved
R
0h
-
21:16 Operating Maximum VWire Count
R/W
0h
eSPI
15:14 Reserved
R
0
-
13:8 Max VWire Count Supported
R
3Fh
eSPI
7:2 Reserved
R
0h
-
1 Ready (follows Enable bit)
R
0
eSPI
0 Enable
R/W
0
eSPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com