Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 33 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 33 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 29Page - Microchip Technology ECE1200 Datasheet HTML 30Page - Microchip Technology ECE1200 Datasheet HTML 31Page - Microchip Technology ECE1200 Datasheet HTML 32Page - Microchip Technology ECE1200 Datasheet HTML 33Page - Microchip Technology ECE1200 Datasheet HTML 34Page - Microchip Technology ECE1200 Datasheet HTML 35Page - Microchip Technology ECE1200 Datasheet HTML 36Page - Microchip Technology ECE1200 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 33
ECE1200
6.0
DEVICE REGISTER SET AND INITIALIZATION
6.1
Introduction
This chapter defines the register set of the ECE1200 device, and the mechanism used to access them.
All accesses to ECE1200 internal registers use the Plug-and-Play Configuration Port mechanism, which occupies only
two contiguous bytes in an otherwise unused section of the Host I/O addressing space. All other I/O and Memory traffic
directed to the ECE1200 is transparently presented on the LPC bus, and this happens immediately without any require-
ment for setup. This includes passing other Plug-and-Play traffic directly and immediately to other devices’ Configuration
Ports, such as 2Eh/2Fh and 4Eh/4Fh, allowing them to be initialized first.
It is, however, necessary eventually to access the internal register set, because this is where the Master resources asso-
ciated with the Serial IRQ and CLKRUN# features are configured and enabled, and where optimizations for additional
power saving may be selected. The ECE1200 device uses the same Plug-and-Play Configuration Port to provide
access to registers that have Runtime as well as Configuration purposes.
Initially the Configuration Port resides at I/O addresses 008Ch (INDEX) and 008Dh (DATA), chosen so that it is reliably
out of the way of legacy I/O traffic. But it can be moved to any other desired address at a 2-byte boundary, where the
first (“even”) address is the INDEX byte, followed by the DATA byte at the next (“odd”) byte address.
6.2
Terminology
According to Plug-and-Play standards, registers fall into regions defined as “Global” or “Logical Device”.
6.3
Register Interface
The Host-accessible Plug-and-Play Configuration port is the means of accessing internal registers, which are organized
as shown in FIGURE 6-1: on page 34.
The INDEX I/O location is written with an “Index” value to select the register to be accessed. The DATA I/O location is
then used with 8-bit I/O Read or Write instructions to access the selected register.
There is a single Global region which resides at Index values of 00h through 2Fh. As defined above, these registers are
not subject to bank selection, and are therefore accessible at all times.
Within the Global region, there is a register called “Logical Device Number”, residing at Index 07h. Writing an 8-bit value
here selects a Logical Device bank of registers, which may then be accessed using Indexes 30h through FFh.
In this device, there are two Logical Devices:
• Logical Device number 00h is the “eSPI Logical Device”, holding registers that manage the Host CPU interface.
• Logical Device number 01h is the “LPC Logical Device”, holding registers that manage the LPC, SERIRQ and
CLKRUN# functionality.
Sequence to Access a Logical Device Register:
a) Select the Logical Device using the Logical Device Number Register, by writing 07h into the INDEX Port and then
the Logical Device number value (00h or 01h) to the DATA Port.
b) Write the address of the desired Logical Device register to the INDEX Port and then write or read the value of the
register itself through the DATA Port.
Note 1: If accessing a Global Register, step (a) is not required.
2: Any write to an undefined or Reserved register is terminated normally on the eSPI bus without any modifi-
cation of state in the ECE1200. Any read to a Reserved register returns 00h.
TABLE 6-1:
TERMINOLOGY
Term
Definition
Global Registers
Registers that are always accessible via the Configuration Port.
Logical Device Registers
Registers belonging to a “Logical Device” in the device. These registers are
bank-selected into a shared region, using one of the Global Registers to
make the selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com