Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 49 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 49 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 45Page - Microchip Technology ECE1200 Datasheet HTML 46Page - Microchip Technology ECE1200 Datasheet HTML 47Page - Microchip Technology ECE1200 Datasheet HTML 48Page - Microchip Technology ECE1200 Datasheet HTML 49Page - Microchip Technology ECE1200 Datasheet HTML 50Page - Microchip Technology ECE1200 Datasheet HTML 51Page - Microchip Technology ECE1200 Datasheet HTML 52Page - Microchip Technology ECE1200 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 49
ECE1200
6.10.9
MAP SERIRQ IRQ9 SLOT REGISTER
6.10.10
MAP SERIRQ IRQ10 SLOT REGISTER
6.10.11
MAP SERIRQ IRQ11 SLOT REGISTER
6.10.12
MAP SERIRQ IRQ12 SLOT REGISTER
Index
B2h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 10.
By default it selects the legacy IRQ9 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
09h
PLTRST
Index
B3h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 11.
By default it selects the legacy IRQ10 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
0Ah
PLTRST
Index
B4h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 12.
By default it selects the legacy IRQ11 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
0Bh
PLTRST
Index
B5h of Logical Device 00h
Bits
Description
Type
Default
Reset Event
7:0 Programs the eSPI IRQ to be connected to SERIRQ Slot 13.
By default it selects the legacy IRQ12 function.
FFh written in this register disconnects this slot from any IRQ;
otherwise, any IRQ number recognized by the Chipset may be
selected by placing its number here.
R/W
0Ch
PLTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com