Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 85 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 85 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 79Page - Microchip Technology ECE1200 Datasheet HTML 80Page - Microchip Technology ECE1200 Datasheet HTML 81Page - Microchip Technology ECE1200 Datasheet HTML 82Page - Microchip Technology ECE1200 Datasheet HTML 83Page - Microchip Technology ECE1200 Datasheet HTML 84Page - Microchip Technology ECE1200 Datasheet HTML 85Page - Microchip Technology ECE1200 Datasheet HTML 86Page - Microchip Technology ECE1200 Datasheet HTML 87Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 85
ECE1200
PRODUCT IDENTIFICATION SYSTEM
Not all of the product variants defined by the Product Identification System may be offered for sale or released to
production. To order or obtain information on availability, pricing or delivery, please visit MicrochipDirect.com or contact
your Microchip sales representative or authorized distributor.
PART NO.(1)
XXX(2)
Package
Device
Devices:
ECE1200(1)
Temperature
Range Option:
I/
= -40oC to +85oC (Industrial)
Package:
LD
=
40 pin VQFN(2)
Version/Revi-
sion:
Blank = Standard Version: no other versions at this time.
Packaging
Option:
Blank = Tray packaging(3)
[XX]
Version/
-
Note 1: These products meet the halo-
gen maximum concentration val-
ues per IEC61249-2-21.
2: All package options are RoHS
compliant. For RoHS compli-
ance and environmental infor-
mation, please visit
http://www.microchip.com/page-
handler/en-us/aboutus/ehs.html.
3: Packaging Option identifier, if
present, only appears in the cat-
[X](3)
Tape and Reel
Option
-
Example:
a) ECE1200-I/LD = Industrial tempera-
ture,
40 VQFN, Standard version, Tray
packaging
-
[X/]
Temperature
Range
Note: [ ] indicate designators that have blank options
Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com