Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 34 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 34 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 30Page - Microchip Technology ECE1200 Datasheet HTML 31Page - Microchip Technology ECE1200 Datasheet HTML 32Page - Microchip Technology ECE1200 Datasheet HTML 33Page - Microchip Technology ECE1200 Datasheet HTML 34Page - Microchip Technology ECE1200 Datasheet HTML 35Page - Microchip Technology ECE1200 Datasheet HTML 36Page - Microchip Technology ECE1200 Datasheet HTML 37Page - Microchip Technology ECE1200 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
ECE1200
DS00003093C Draft-page 34
 2018-2021 Microchip Technology Inc.
6.3.1
REGISTER INTERFACE ENABLE / DISABLE
The Configuration Port is disabled by default and must be enabled by placing the device into CONFIG MODE. This is
done by writing the value 55h into the INDEX location. Any Reset event to the device, including PLTRST#, will again
disable the interface, requiring it to be re-enabled by this method.
The Configuration Port can also be disabled explicitly by writing the value AAh to the INDEX location. Register accesses
will be disabled until the value 55h is again written to the INDEX location. The Configuration Port still claims I/O transfers
even while disabled, so the Disabled state does not cause these transfers to be propagated to LPC.
FIGURE 6-1:
BLOCK DIAGRAM OF REGISTER SET
Logical Device 0
Registers
Global
Registers
Logical Device 1
Registers
Index = 00h – 2Fh
Index = 30h – FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com