Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 1 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 1 Page - Microchip Technology

  ECE1200 Datasheet HTML 1Page - Microchip Technology ECE1200 Datasheet HTML 2Page - Microchip Technology ECE1200 Datasheet HTML 3Page - Microchip Technology ECE1200 Datasheet HTML 4Page - Microchip Technology ECE1200 Datasheet HTML 5Page - Microchip Technology ECE1200 Datasheet HTML 6Page - Microchip Technology ECE1200 Datasheet HTML 7Page - Microchip Technology ECE1200 Datasheet HTML 8Page - Microchip Technology ECE1200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 1
Features
• Detects and Supports Modern Standby State
(S0ix) with Low Standby Current
• ACPI 6.1 Compliant
• Configuration Register Set
- Compatible with ISA Plug-and-Play Standard
- Host-Programmable Base Address
• Supports LPC-based SIO and EC devices such
as:
- SCH555x, SCH5347B
- SCH311x, SCH322x
• eSPI Peripheral Channel Cycles in 64K I/O Space
will pass through as LPC I/O cycles, except for the
local Plug-and-Play INDEX/DATA portal registers
• eSPI Peripheral Channel Cycles in Memory
Space will all pass through as LPC Memory
Cycles
• Enhanced Serial Peripheral Interface (eSPI)
- 1.8V Operation
- Intel eSPI Base Specification 1.0 compliant
- Supports the Peripheral Channel and Virtual Wire
Channel interfaces
- Supports up to 50 MHz maximum operating fre-
quency
• LPC Master Interface
- 3.3V operation
- Generates LPC Clock on two output pins
- Provides 24 MHz nominal bus clock frequency
- Provides CLKRUN# clock control interface
- LPC Specification 1.1 Compatible
- LPC I/O and Memory Cycles Supported
- Supports Serial IRQ Interface,
both Continuous and Quiet modes
• XNOR Board Test Mode
• Package Options
- 40-pin VQFN RoHS Compliant Package (LDX)
• Industrial Temperature Range
- -40°C to +85°C
Products
Catalog Part Number
Package
Temperature
Range
Initial Register Portal
Address
Delivery
Packaging
ECE1200-I/LD
40-VQFN, sawn (LDX)
Industrial
8Ch
Tray
ECE1200
eSPI to LPC Bridge


Similar Part No. - ECE1200

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE126 LSTD-ECE126 Datasheet
183Kb / 1P
Retains strong EMI protection
More results

Similar Description - ECE1200

ManufacturerPart #DatasheetDescription
logo
Winbond
W83626F WINBOND-W83626F Datasheet
343Kb / 9P
LPC-to-ISA Bridge
W83626F WINBOND-W83626F_05 Datasheet
235Kb / 23P
LPC TO ISA BRIDGE SET
WPCN385L WINBOND-WPCN385L Datasheet
84Kb / 3P
LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
logo
Feature Integration Tec...
F81216 FINTEK-F81216 Datasheet
755Kb / 37P
LPC to 4 UART Datasheet
F81216AD FINTEK-F81216AD Datasheet
892Kb / 43P
LPC to 4 UART 9-bit Protocol
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
ISA/LPC to 6 UART Datasheet
F85226 FINTEK-F85226 Datasheet
1Mb / 44P
LPC to ISA Bridge
F85226AF FINTEK-F85226AF Datasheet
1Mb / 46P
LPC to ISA Bridge
logo
Keysight Technologies
N8835A KEYSIGHT-N8835A Datasheet
1Mb / 8P
eSPI Protocol Trigger and Decode
logo
Nuvoton Technology Corp...
NCT6796D NUVOTON-NCT6796D Datasheet
7Mb / 520P
LPC/eSPI SI/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com