Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 40 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 40 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 36Page - Microchip Technology ECE1200 Datasheet HTML 37Page - Microchip Technology ECE1200 Datasheet HTML 38Page - Microchip Technology ECE1200 Datasheet HTML 39Page - Microchip Technology ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology ECE1200 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
ECE1200
DS00003093C Draft-page 40
 2018-2021 Microchip Technology Inc.
6.9.1
RESERVED
Reserved Register locations are unused for any purpose. Writes are ignored, and Reads return “0”.
6.9.2
TEST
Test Registers are reserved for Microchip use in testing. Contents of these registers are unspecified and may change
dynamically. Writing these locations, even to rewrite their contents, may cause behavior that is unspecified: do not write
them at all, except as directed by Microchip customer support.
6.9.3
LOGICAL DEVICE NUMBER REGISTER
6.9.4
UNCLAIMED NON-POSTED ERROR HANDLING REGISTER
28h
Test
29h
Test
2Ah
Power Save Register
2Bh
Test
2Ch
Test
2Dh
Reserved
2Eh
Test
2Fh
Test
Index
07h
Bits
Description
Type
Default
Reset Event
7:0 Logical Device Number
R/W
00h
PLTRST
Index
08h
Bits
Description
Type
Default
Reset Event
7:4 Reserved
R
0h
-
3:0 Handling selected for Unclaimed Non-Posted LPC transfers, in
addition to UNSUCCESSFUL COMPLETION eSPI response:
0h = No additional action
1h = Post VWire ERROR_NONFATAL
2h = Post VWire ERROR_FATAL
3h = Post VWire SMI#
4h = Post VWire SCI#
R/W
0h
PLTRST
TABLE 6-2:
GLOBAL REGISTER SUMMARY (CONTINUED)
Index
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com