Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 73 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 73 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 69Page - Microchip Technology ECE1200 Datasheet HTML 70Page - Microchip Technology ECE1200 Datasheet HTML 71Page - Microchip Technology ECE1200 Datasheet HTML 72Page - Microchip Technology ECE1200 Datasheet HTML 73Page - Microchip Technology ECE1200 Datasheet HTML 74Page - Microchip Technology ECE1200 Datasheet HTML 75Page - Microchip Technology ECE1200 Datasheet HTML 76Page - Microchip Technology ECE1200 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 73
ECE1200
9.7.3
G3 TO S0 VIRTUAL WIRE DETAIL AS SECONDARY ESPI SLAVE
FIGURE 9-3:
G3 TO S0 VWIRES, SECONDARY SLAVE
1.8V
eSPI_RESET#
BOOT_DONE
pin
3.3V
1.8V
eSPI_CS1#
on eSPI_CS#
eSPI Traffic Running
S0
Main
Power
Good
S0
BIOS
SW
LPC_EN
pin
3.3V
SLAVE_BOOT VWires
come from
Primary slave instead.
3.3V
PLTRST#
pin
S5
system PCH_PWROK
(Strapped)
Power State
Changes
(Ignored)
S0
CPU
HW
I/O Traffic
Internal:
BAR Setup,
Clock Setup,
SERIRQ and
LPC Setup
Bridged
Traffic
Booting
from S5
G3 or DSW to S5
X
X
X
X
Constant throughout, in
their initial states:
OOB_RST_WARN = 0
OOB_RST_ACK = 0
HOST_RST_WARN = 0
HOST_RST_ACK = 0
ERROR_FATAL = 0
ERROR_NONFATAL = 0
DNX_WARN = 0
DNX_ACK = 0
SUS_PWRDN_ACK = 0
HOST_C10 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com