Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 17 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 13Page - Microchip Technology ECE1200 Datasheet HTML 14Page - Microchip Technology ECE1200 Datasheet HTML 15Page - Microchip Technology ECE1200 Datasheet HTML 16Page - Microchip Technology ECE1200 Datasheet HTML 17Page - Microchip Technology ECE1200 Datasheet HTML 18Page - Microchip Technology ECE1200 Datasheet HTML 19Page - Microchip Technology ECE1200 Datasheet HTML 20Page - Microchip Technology ECE1200 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 17
ECE1200
3.4.2
POWER GOOD SIGNALS
The Power Good timing is defined in the Section 9.5, "Voltage Sequencing and Power Good Timing," on page70.
3.4.3
SYSTEM POWER SEQUENCING
See Section 9.7, "System Power State Transition Diagrams," on page 70 for behavior under system power state
changes.
VTR_CORE_18
1.8V
1.8V Core Logic Power Supply
This supply is used to power the internal logic.
It is to be connected to the 1.8V “Always-on” /
“Suspend” / ”S5” supply rails in system. It is on its
own pin in order to allow isolation and decoupling
from the VTR_18 pin, otherwise it is identical.
There is no need to connect it to a deeper power
well, such as the Deep Sleep Well, even if that is
what powers the downstream LPC device(s).
This supply must be on prior to the RESETI# sig-
nal being deasserted (system RSMRST#).
Pin Interface
Note:
The VTR_33 supply must always be at or above the voltage on the 1.8V supply pins, including during
power-on and power-off sequences, otherwise excessive current may occur. VTR_18 and VTR_CORE_18
must turn on at the same time as, or after, the VTR_33 supply is powered. VTR_18 and VTR_CORE_18
must come from the same system well, rising and falling together.
TABLE 3-2:
POWER GOOD SIGNAL DEFINITIONS
Power Good
Signal
Description
Source
RESETI#
This is the Power-On Reset (POR) input for all
the VTR input wells.
RESETI# is to be held low initially, and set high
following a delay after all of the VTR power pins
have reached their valid levels. RESETI# is to
be pulled low as soon as either of these voltages
drop below this threshold. At no time may this
signal glitch during power transitions.
It is strongly recommended that this pin be con-
nected to the system RSMRST# signal, which
will assure these needs.
LPC_EN
This input is used to indicate when the Main (S0)
power rail voltages are on and stable.
LPC_EN indicates to the ECE1200 when the
downstream resources (LPC, Serial IRQ and
CLKRUN#) are powered. The low state prevents
these pins from driving high, avoiding backdrive
of the other components. At no time may this
signal glitch during power transitions.
It is strongly recommended that this pin be con-
nected to the system PCH_PWROK signal,
which will assure these needs.
TABLE 3-1:
POWER SOURCE DEFINITIONS (CONTINUED)
Power Well
Nominal
Voltage
Description
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com