Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 39 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 39 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 35Page - Microchip Technology ECE1200 Datasheet HTML 36Page - Microchip Technology ECE1200 Datasheet HTML 37Page - Microchip Technology ECE1200 Datasheet HTML 38Page - Microchip Technology ECE1200 Datasheet HTML 39Page - Microchip Technology ECE1200 Datasheet HTML 40Page - Microchip Technology ECE1200 Datasheet HTML 41Page - Microchip Technology ECE1200 Datasheet HTML 42Page - Microchip Technology ECE1200 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 39
ECE1200
6.9
Global Register Set
Registers for the Global Register region are shown in the following summary table, according to the INDEX value used
to select them. This region, from INDEX values 00h through 2Fh, is accessible regardless of the setting of the Logical
Device Number Register.
TABLE 6-2:
GLOBAL REGISTER SUMMARY
Index
Register Name
00h
Test
01h
Test
02h
Test
03h
Reserved
04h
Reserved
05h
Reserved
06h
Reserved
07h
Logical Device Number Register
08h
Unclaimed Non-Posted Error Handling Register
09h
Sync Abort Non-Posted Error Handling Register
0Ah
Reserved
0Bh
IOCHK Non-Posted Error Handling Register
0Ch
IOCHK Idle Error Handling Register
0Dh
Unclaimed Posted Error Handling Register
0Eh
Sync Abort Posted Error Handling Register
0Fh
Reserved
10h
IOCHK Posted Error Handling Register
11h
Reserved
12h
eSPI Virtual Wire Errors Register
13h
eSPI Virtual Wire Error Events Register
14h
Test
15h
Test
16h
Test
17h
Test
18h
Test
19h
Test
1Ah
Test
1Bh
Test
1Ch
Device Revision Register
1Dh
Device Sub ID Register
1Eh
Device ID LS Register
1Fh
Device ID MS Register
20h
Legacy Device ID Register
21h
Legacy Device Rev Register
22h
Test
23h
Test
24h
Test
25h
Test
26h
Test
27h
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com