Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECE1200 Datasheet(PDF) 63 Page - Microchip Technology

Part # ECE1200
Description  eSPI to LPC Bridge
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1200 Datasheet(HTML) 63 Page - Microchip Technology

Back Button ECE1200 Datasheet HTML 59Page - Microchip Technology ECE1200 Datasheet HTML 60Page - Microchip Technology ECE1200 Datasheet HTML 61Page - Microchip Technology ECE1200 Datasheet HTML 62Page - Microchip Technology ECE1200 Datasheet HTML 63Page - Microchip Technology ECE1200 Datasheet HTML 64Page - Microchip Technology ECE1200 Datasheet HTML 65Page - Microchip Technology ECE1200 Datasheet HTML 66Page - Microchip Technology ECE1200 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
 2018-2021 Microchip Technology Inc.
DS00003093C Draft-page 63
ECE1200
8.3
Power Consumption
TABLE 8-9:
THERMAL PACKAGING CHARACTERISTICS
Characteristics
Symbol Typical
Max.
Unit
Notes
Package Thermal Resistance, 40-pin VQFN (LDX)
JA
50.0
—
°C/W
1, 2
JC
9.4
—
°C/W
1
JB
31.0
—
°C/W
1
Note 1: Thermal resistance values are determined by packaging simulations.
2:
JA as listed here assumes airflow of 0 m/s.
Note:
These values are PRELIMINARY, pending characterization.
TABLE 8-10:
SUPPLY CURRENT
Case
Device State
Supply Rail
Typical
(nom V,
25° C)
Max
(max V,
70° C)
Max
(max V,
85° C)
Units
1
Full On, Active LPC Traffic,
with both LPC Clocks Running
VTR_33
11.45
mA
VTR_18
25
uA
VTR_CORE_18
1.25
mA
2
Full On, Active LPC Traffic,
with one LPC Clock Running
VTR_33
TBD
mA
VTR_18
25
uA
VTR_CORE_18
1.25
mA
3
LPC Idle, Clocks Off:
due to CLKRUN# High or
Clocks explicitly turned off
VTR_33
2.0
uA
VTR_18
2.3
uA
VTR_CORE_18
0.9
mA
4
LPC On and Reset:
LPC_EN High, PLTRST# Low,
Both LPC Clocks Running (forced).
(Transient State during Host Boot)
VTR_33
11.1
mA
VTR_18
2.2
uA
VTR_CORE_18
1.06
mA
5
Light Sleep
LPC Clocks off and
Gated Clock mode selected
(IDLE_GATEOSC bit on).
VTR_33
2.0
uA
VTR_18
2.3
uA
VTR_CORE_18
0.44
mA
6
Deep Sleep
Host C10 / S0ix State with
Disabled Internal Oscillator
mode selected
(VW_C10_STOPOSC bit on).
VTR_33
2.0
uA
VTR_18
2.3
uA
VTR_CORE_18
3.6
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com