Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 18 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 14Page - Microchip Technology LMC7101 Datasheet HTML 15Page - Microchip Technology LMC7101 Datasheet HTML 16Page - Microchip Technology LMC7101 Datasheet HTML 17Page - Microchip Technology LMC7101 Datasheet HTML 18Page - Microchip Technology LMC7101 Datasheet HTML 19Page - Microchip Technology LMC7101 Datasheet HTML 20Page - Microchip Technology LMC7101 Datasheet HTML 21Page - Microchip Technology LMC7101 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0246
8
10
12
SUPPLY VOLTAGE (V)
+85°C
+25°C
-40°C
LMC7101
DS20006282A-page 18
 2019 Microchip Technology Inc.
FIGURE 2-7:
Falling Slew Rate vs. Supply
Voltage.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
02468
10
12
SUPPLY VOLTAGE (V)
+85°C
–40°C
+25°C
FIGURE 2-8:
Rising Slew Rate vs. Supply
Voltage.
0
200
400
600
800
02468
10
12
SUPPLY VOLTAGE (V)
25°C
–40°C
85°C
FIGURE 2-9:
Offset Voltage vs. Supply
Voltage.
.
0
20
40
60
80
100
100
1000
LOAD CAPACITANCE (pF)
T
A = 25°C
A
V = 1
12V
5V
3V
2.7V
200
300
500
FIGURE 2-10:
Phase Margin vs.
Capacitance Load.
0
20
40
60
80
100
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
R
L = 1M
R
L = 2k
T
A = 25°C
FIGURE 2-11:
2.7V Open-Loop Frequency
Response.
0
20
40
60
80
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
T
A = 25°C
1M
Ω
600W
2k
FIGURE 2-12:
5V Open-Loop Frequency
Response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com