Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 17 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 13Page - Microchip Technology LMC7101 Datasheet HTML 14Page - Microchip Technology LMC7101 Datasheet HTML 15Page - Microchip Technology LMC7101 Datasheet HTML 16Page - Microchip Technology LMC7101 Datasheet HTML 17Page - Microchip Technology LMC7101 Datasheet HTML 18Page - Microchip Technology LMC7101 Datasheet HTML 19Page - Microchip Technology LMC7101 Datasheet HTML 20Page - Microchip Technology LMC7101 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006282A-page 17
LMC7101
2.0
TYPICAL PERFORMANCE CURVES
0
200
400
600
800
1000
02468
10
12
SUPPLY VOLTAGE (V)
–40°C
+25°C
+85°C
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
FIGURE 2-1:
Supply Current vs. Supply
Voltage.
1
10
100
1000
10000
-40
0
40
80
120
160
JUNCTION TEMPERATURE (°C)
FIGURE 2-2:
Input Current vs. Junction
Temperature.
-20
0
20
40
60
80
100
1x101
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
5V
12V
2.7V
T
A = 25°C
FIGURE 2-3:
–PSRR vs. Frequency.
0
20
40
60
80
100
120
1x101
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
2.7V
5V
12V
T
A = 25 C
FIGURE 2-4:
+PSRR vs. Frequency.
0
20
40
60
80
100
120
140
1x101
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
2.7V
12V
5V
T
A = 25°C
FIGURE 2-5:
CMRR vs. Frequency.
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
OUTPUT VOLTAGE (V)
T
A = 25°C
FIGURE 2-6:
Sink/Source Current vs.
Output Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com