Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 11 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 7Page - Microchip Technology LMC7101 Datasheet HTML 8Page - Microchip Technology LMC7101 Datasheet HTML 9Page - Microchip Technology LMC7101 Datasheet HTML 10Page - Microchip Technology LMC7101 Datasheet HTML 11Page - Microchip Technology LMC7101 Datasheet HTML 12Page - Microchip Technology LMC7101 Datasheet HTML 13Page - Microchip Technology LMC7101 Datasheet HTML 14Page - Microchip Technology LMC7101 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006282A-page 11
LMC7101
LM7101A 12.0V DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, V+ = +12V, V– = 0V, VCM = 1.5V, VOUT = V+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
0.11
6
mV
—
Input Offset Voltage
Average Drift
TCVOS
—
1.0
—
V/C —
Input Bias Current
IB
—
1.0
64
pA
–40°C ≤ TJ ≤ +85°C
Input Offset Current
IOS
—
0.5
32
pA
–40°C ≤ TJ ≤ +85°C
Input Resistance
RIN
—
>1
—
T
—
Common-Mode
Rejection Ratio
CMRR
65
82
—
dB
0V ≤ VCM ≤ 12V, Note 1
60
—
—
dB
0V ≤ VCM ≤ 12V, Note 1,
–40°C ≤ TJ ≤ +85°C
Input Common Mode
Voltage
VCM
—
—0.3
—0.20
V
Input LOW, V+ = 12V,
CMRR
50 dB
—
—
0.00
V
Input LOW, V+ = 12V,
CMRR
50 dB,
–40°C ≤ TJ ≤ +85°C
12.2
12.3
—
V
Input HIGH, V+ = 12V,
CMRR
50 dB
12.0
—
—
V
Input HIGH, V+ = 12V,
CMRR
50 dB,
–40°C ≤ TJ ≤ +85°C
Positive Power
Supply Rejection
Ratio
+PSRR
70
82
—
dB
V+ = 5V to 12V, V– = 0V,
VOUT = 1.5V
65
—
—
dB
V+ = 5V to 12V, V– = 0V,
VOUT = 1.5V, –40°C ≤ TJ ≤ +85°C
Negative Power
Supply Rejection
Ratio
–PSRR
70
82
—
dB
V+ = 0V, V– = –5V to –12V,
VOUT = –1.5V
65
—
—
dB
V+ = 0V, V– = –5V to –12V,
VOUT = –1.5V, –40°C ≤ TJ ≤
+85°C
Large Signal Voltage
Gain
AV
80
340
—
V/mV
Sourcing or sinking, RL = 2k,
Note 4
40
—
—
V/mV
Sourcing or sinking, RL = 2k,
Note 4, –40°C ≤ TJ ≤ +85°C
15
300
—
V/mV
Sourcing or sinking, RL = 600,
Note 4
10
—
—
V/mV
Sourcing or sinking, RL = 600,
Note 4, –40°C ≤ TJ ≤ +85°C
Common-Mode
Input Capacitance
CIN
—
3
—
pF
—
Note 1: Common-mode performance tends to follow the typical value. Minimum value limits reflect performance
only near the supply rails.
2: Continuous short circuit may exceed absolute maximum TJ under some conditions.
3: Shorting OUT to V+ when V+ > 12V may damage the device.
4: RL connected to 5.0V. Sourcing: 5V ≤ VOUT ≤ 12V. Sinking: 2.5V ≤ VOUT ≤ 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com