Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 19 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 15Page - Microchip Technology LMC7101 Datasheet HTML 16Page - Microchip Technology LMC7101 Datasheet HTML 17Page - Microchip Technology LMC7101 Datasheet HTML 18Page - Microchip Technology LMC7101 Datasheet HTML 19Page - Microchip Technology LMC7101 Datasheet HTML 20Page - Microchip Technology LMC7101 Datasheet HTML 21Page - Microchip Technology LMC7101 Datasheet HTML 22Page - Microchip Technology LMC7101 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
0
20
40
60
80
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
1M
600Ω
2k
T
A = 25°C
 2019 Microchip Technology Inc.
DS20006282A-page 19
LMC7101
FIGURE 2-13:
12V Open-Loop Frequency
Response.
-25
0
25
50
75
100
-90
-45
0
45
90
135
1x102
1x103
1x104
1x105
1x106
FREQUENCY (Hz)
100pF (dB )
500pF
100pF (°)
500pF (°)
T
A = 25°C
(dB )
R
L = 1MΩ
FIGURE 2-14:
2.7V Open-Loop Gain and
Phase.
-20
0
20
40
60
80
100
-60
-30
0
30
60
90
120
1x102
1x103
1x104
1x105
1x106
FREQUENCY (Hz)
100pF (°)
500pF (°)
1000pF(°)
100pF (dB)
500pF (dB)
1000pF(dB)
T
A = 25°C
R
L = 1MΩ
FIGURE 2-15:
5V Open-Loop Gain and
Phase.
-20
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
150
1x102
1x103
1x104
1x105
1x106
FREQUENCY (Hz)
100pF(°)
500pF(°)
1000pF(°)
100pF (dB )
500pF (dB )
1000pF(dB )
T
A = 25°C
R
L = 1MΩ
FIGURE 2-16:
12V Open-Loop Gain and
Phase.
FIGURE 2-17:
Inverting Small-Signal Pulse
Response.
FIGURE 2-18:
Inverting Large-Signal Pulse
Response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com