Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 16 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 12Page - Microchip Technology LMC7101 Datasheet HTML 13Page - Microchip Technology LMC7101 Datasheet HTML 14Page - Microchip Technology LMC7101 Datasheet HTML 15Page - Microchip Technology LMC7101 Datasheet HTML 16Page - Microchip Technology LMC7101 Datasheet HTML 17Page - Microchip Technology LMC7101 Datasheet HTML 18Page - Microchip Technology LMC7101 Datasheet HTML 19Page - Microchip Technology LMC7101 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LMC7101
DS20006282A-page 16
 2019 Microchip Technology Inc.
LM7101B 12.0V AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, V+ = +12V, V– = 0V, VCM = 1.5V, VOUT = V+/2; RL = 1MΩ;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Total Harmonic
Distortion
THD
—
0.01
—
%
f = 10 kHz, AV= –2, RL = 2 k
VOUT = 8.5 VPP
Slew Rate
SR
0.19
0.3
—
V/
s
V+ = 12V, Note 1
0.15
—
—
V/
s
V+ = 12V, Note 1,
–40°C ≤ TJ ≤ +85°C
Gain–Bandwidth
Product
GBW
—
0.5
—
MHz
—
Phase Margin
m
—
45
—
—
Gain Margin
Gm
—
10
—
dB
—
Input-Referred
Voltage Noise
en
—
37
—
nV
Hz
f = 1 kHz, VCM = 1V
Input-Referred
Current Noise
in
—
1.5
—
fA
Hz
f = 1 kHz
Note 1: Device connected as a voltage follower with a 12V step input. The value is the positive or negative slew
rate, whichever is slower.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Ambient Temperature Range
TA
–40
—
+85
°C
—
Junction Operating Temperature
TJ
–40
—
+125
°C
—
Max. Junction Operating Temperature
TJ(max)
—
—
+125
°C
—
Storage Temperature Range
TA
–65
—
+150
°C
—
Package Thermal Resistances
Thermal Resistance
JA
—
325
—
°C/W
—
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside its recommended operating ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com