Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 29 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 29 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 24Page - Microchip Technology LMC7101 Datasheet HTML 25Page - Microchip Technology LMC7101 Datasheet HTML 26Page - Microchip Technology LMC7101 Datasheet HTML 27Page - Microchip Technology LMC7101 Datasheet HTML 28Page - Microchip Technology LMC7101 Datasheet HTML 29Page - Microchip Technology LMC7101 Datasheet HTML 30Page - Microchip Technology LMC7101 Datasheet HTML 31Page - Microchip Technology LMC7101 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006282A-page 29
LMC7101
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
LMC7101AYM5-TR:
Low–Power Operational
Amplifier, A Grade,
–40°C to +85°C Tempera-
ture Range, 5-Lead SOT-
23, 3,000/Reel
b)
LMC7101BYM5-TR:
Low–Power Operational
Amplifier, B Grade,
–40°C to +85°C Tempera-
ture Range, 5-Lead SOT-
23, 3,000/Reel
PART NO.
X
XX
Package
Temperature
Range
Device
Device:
LMC7101A:
Low-Power Operational Amplifier, A Grade
LMC7101B:
Low-Power Operational Amplifier, B Grade
Temperature
Range:
Y
=
–40
C to +85C
Packages:
M5
=
5-Lead SOT-23
Media Type:
TR
=
3,000/Reel
-XX
Media Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com