Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 23 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 23 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 19Page - Microchip Technology LMC7101 Datasheet HTML 20Page - Microchip Technology LMC7101 Datasheet HTML 21Page - Microchip Technology LMC7101 Datasheet HTML 22Page - Microchip Technology LMC7101 Datasheet HTML 23Page - Microchip Technology LMC7101 Datasheet HTML 24Page - Microchip Technology LMC7101 Datasheet HTML 25Page - Microchip Technology LMC7101 Datasheet HTML 26Page - Microchip Technology LMC7101 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006282A-page 23
LMC7101
Since a significant percentage of CIN may be caused by
board layout, it is important to note that the correct
value of CFB may change when changing from a
breadboard to the final circuit layout.
4.5
Typical Circuits
Some suitable LMC7101 single-supply, rail-to-rail
applications are shown in the following circuit
diagrams.
R2
900k
R1
100k
VOUT
0V to V+
V+
VIN
2
5
1
3
4
LMC7101
0V to
V+
AV
FIGURE 4-3:
Non-Inverting Amplifier.
0
100
0
100
V
IN (V)
V+
A
= 1 +
R2
R
10
V
1
»
FIGURE 4-4:
Non-Inverting Amplifier
Behavior.
VOUT
0V to V+
V+
VIN
0V to V+
2
5
1
3
4
LMC7101
VOUT = VIN
FIGURE 4-5:
Voltage Follower.
VOUT
0V to V+
V+
VIN
0V to 2V
2
5
1
3
4
LMC7101
RS
10
1 2
VS
0.5V to Q1 VCEO(sus)
IOUT
Q1
2N3904
VCEO = 40V
IC(max) = 200mA
{
Change Q1 and RS
for higher current
and/or different gain.
I
V
R
100mA/V as shown
OUT
IN
S
==
FIGURE 4-6:
Voltage-Controlled Current Sink.
V+
0V
R4
100k
R4
100k
R3
100k
VOUT
V+
2
5
1
4
3
LMC7101
C1
0.001μF
R2
100k
V+
FIGURE 4-7:
Square Wave Oscillator.
R3
330k
R1
33k
0V
R2
330k
R4
330k
C1
1μF
VOUT
V+
2
5
1
4
3
LMC7101
CIN
V+
COUT
RL
A
R2
R1
330k
33k
10
V =-
=
= -
FIGURE 4-8:
AC-Coupled Inverting Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com