Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 14 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 10Page - Microchip Technology LMC7101 Datasheet HTML 11Page - Microchip Technology LMC7101 Datasheet HTML 12Page - Microchip Technology LMC7101 Datasheet HTML 13Page - Microchip Technology LMC7101 Datasheet HTML 14Page - Microchip Technology LMC7101 Datasheet HTML 15Page - Microchip Technology LMC7101 Datasheet HTML 16Page - Microchip Technology LMC7101 Datasheet HTML 17Page - Microchip Technology LMC7101 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LMC7101
DS20006282A-page 14
 2019 Microchip Technology Inc.
Output Swing
VOUT
11.9
11.98
—
V
Output HIGH, V+ = 12V,
RL = 2 k
11.87
—
—
V
Output HIGH, V+ = 12V,
RL = 2 k–40°C ≤ TJ ≤ +85°C
—
0.02
0.10
V
Output LOW, V+ = 12V,
RL = 2 k
—
—
0.13
V
Output LOW, V+ = 12V,
RL = 2 k–40°C ≤ TJ ≤ +85°C
11.73
11.93
—
V
Output HIGH, V+ = 12V,
RL = 600
11.65
—
—
V
Output HIGH, V+ = 12V,
RL = 600, –40°C ≤ TJ ≤ +85°C
—
0.07
0.27
V
Output LOW, V+ = 12V,
RL = 600
—
—
0.35
V
Output LOW, V+ = 12V,
RL = 600–40°C ≤ TJ ≤ +85°C
Output Short Supply
Current
Note 2
ISC
200
300
—
mA
Sourcing (VOUT = 0V) or
Sinking (VOUT = 12V), Note 2, 3
120
—
—
mA
Sourcing (VOUT = 0V) or
Sinking (VOUT = 12V), Note 2, 3,
–40°C ≤ TJ ≤ +85°C
Supply Current
IS
—
0.8
1.5
mA
—
—
—
1.71
mA
–40°C ≤ TJ ≤ +85°C
LM7101A 5.0V AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, V+ = +5V, V– = 0V, VCM = 1.5V, VOUT = V+/2; RL = 1 M;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Total Harmonic
Distortion
THD
—
0.01
—
%
f = 10 kHz, AV= –2, RL = 2 k
VOUT = 4.0 VPP
Slew Rate
SR
—
0.3
—
V/
s
—
Gain Bandwidth
Product
GBW
—
0.5
—
MHz
—
LM7101B 12.0V DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, V+ = +12V, V– = 0V, VCM = 1.5V, VOUT = V+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Common-mode performance tends to follow the typical value. Minimum value limits reflect performance
only near the supply rails.
2: Continuous short circuit may exceed absolute maximum TJ under some conditions.
3: Shorting OUT to V+ when V+ > 12V may damage the device.
4: RL connected to 5.0V. Sourcing: 5V ≤ VOUT ≤ 12V. Sinking: 2.5V ≤ VOUT ≤ 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com