Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 22 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 18Page - Microchip Technology LMC7101 Datasheet HTML 19Page - Microchip Technology LMC7101 Datasheet HTML 20Page - Microchip Technology LMC7101 Datasheet HTML 21Page - Microchip Technology LMC7101 Datasheet HTML 22Page - Microchip Technology LMC7101 Datasheet HTML 23Page - Microchip Technology LMC7101 Datasheet HTML 24Page - Microchip Technology LMC7101 Datasheet HTML 25Page - Microchip Technology LMC7101 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LMC7101
DS20006282A-page 22
 2019 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
4.1
Input Common-Mode Voltage
Some amplifiers exhibit undesirable or unpredictable
performance when the inputs are driven beyond the
common-mode voltage range; for example, phase
inversion of the output signal. The LMC7101 tolerates
input overdrive by at least 200 mV beyond either rail
without producing phase inversion.
If the absolute maximum input voltage (700 mV beyond
either rail) is exceeded, the input current should be
limited to ±5 mA maximum to prevent reducing
reliability. A 10 kΩ series input resistor, used as a
current limiter, will protect the input structure from
voltages as large as 50V above the supply or below
ground. See Figure 4-1.
V
IN
V
OUT
R
IN
FIGURE 4-1:
Input Current-Limit Protection.
4.2
Output Voltage Swing
Sink and source output resistances of the LMC7101
are equal. Maximum output voltage swing is
determined by the load and the approximate output
resistance. To calculate the output resistance, use
Equation 4-1:
EQUATION 4-1:
ROUT
V DROP
I LOAD
------------------
=
VDROP is the voltage dropped within the amplifier
output stage. VDROP and ILOAD can be determined from
the VO (output swing) portion of the appropriate
Electrical Characteristics table. ILOAD is equal to the
typical output high voltage minus V+/2 and divided by
RLOAD. For example, using the LM7101A 5.0V DC
Electrical Characteristics table, the typical output high
voltage using a 2 kΩ load (connected to V+/2) is
4.989V, which produces an ILOAD of:
EQUATION 4-2:
1.245mA
4.989V
2.5V
–
2k
------------------------------------


1.245mA
=
Voltage drop in the amplifier output stage is:
VDROP = 5.0V – 4.989V
VDROP = 0.011V
Because of output stage symmetry, the corresponding
typical output low voltage (0.011V) also equals VDROP.
EQUATION 4-3:
ROUT
0.011V
0.001245A
--------------------------
8.8 9
==
4.3
Driving Capacitive Loads
Driving a capacitive load introduces phase-lag into the
output signal, and this in turn reduces op-amp system
phase margin. The application that is least forgiving of
reduced phase margin is a unity gain amplifier. The
LMC7101 can typically drive a 100 pF capacitive load
connected directly to the output when configured as a
unity-gain amplifier.
4.4
Using Large-Value Feedback
Resistors
A large-value feedback resistor (> 500 kΩ) can reduce
the phase margin of a system. This occurs when the
feedback resistor acts in conjunction with input
capacitance to create phase lag in the feedback signal.
Input capacitance is usually a combination of input
circuit components and other parasitic capacitance,
such as amplifier input capacitance and stray printed
circuit board capacitance.
Figure 4-2 illustrates a method of compensating phase
lag caused by using a large-value feedback resistor.
Feedback capacitor CFB introduces sufficient phase
lead to overcome the phase lag caused by feedback
resistor RFB and input capacitance CIN. The value of
CFB is determined by first estimating CIN and then
applying the following formula from Equation 4-4:
EQUATION 4-4:
RIN CIN
RFB CFB
VIN
CFB
RFB
VOUT
CIN
RIN
FIGURE 4-2:
Canceling Feedback Phase
Lag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com