Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 15 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 15 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 11Page - Microchip Technology LMC7101 Datasheet HTML 12Page - Microchip Technology LMC7101 Datasheet HTML 13Page - Microchip Technology LMC7101 Datasheet HTML 14Page - Microchip Technology LMC7101 Datasheet HTML 15Page - Microchip Technology LMC7101 Datasheet HTML 16Page - Microchip Technology LMC7101 Datasheet HTML 17Page - Microchip Technology LMC7101 Datasheet HTML 18Page - Microchip Technology LMC7101 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006282A-page 15
LMC7101
LM7101B 5.0V AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, V+ = +5V, V– = 0V, VCM = 1.5V, VOUT = V+/2; RL = 1 M;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Total Harmonic
Distortion
THD
—
0.01
—
%
f = 10 kHz, AV= –2, RL = 2 k
VOUT = 4.0 VPP
Slew Rate
SR
—
0.3
—
V/
s
—
Gain Bandwidth
Product
GBW
—
0.5
—
MHz
—
LM7101A 12.0V AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, V+ = +12V, V– = 0V, VCM = 1.5V, VOUT = V+/2; RL = 1MΩ;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Total Harmonic
Distortion
THD
—
0.01
—
%
f = 10 kHz, AV= –2, RL = 2 k
VOUT = 8.5 VPP
Slew Rate
SR
0.19
0.3
—
V/
s
V+ = 12V, Note 1
0.15
—
—
V/
s
V+ = 12V, Note 1,
–40°C ≤ TJ ≤ +85°C
Gain–Bandwidth
Product
GBW
—
0.5
—
MHz
—
Phase Margin
m
—
45
—
—
Gain Margin
Gm
—
10
—
dB
—
Input-Referred
Voltage Noise
en
—
37
—
nV
Hz
f = 1 kHz, VCM = 1V
Input-Referred
Current Noise
in
—
1.5
—
fA
Hz
f = 1 kHz
Note 1: Device connected as a voltage follower with a 12V step input. The value is the positive or negative slew
rate, whichever is slower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com