Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 5 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 5 Page - Microchip Technology

  LMC7101 Datasheet HTML 1Page - Microchip Technology LMC7101 Datasheet HTML 2Page - Microchip Technology LMC7101 Datasheet HTML 3Page - Microchip Technology LMC7101 Datasheet HTML 4Page - Microchip Technology LMC7101 Datasheet HTML 5Page - Microchip Technology LMC7101 Datasheet HTML 6Page - Microchip Technology LMC7101 Datasheet HTML 7Page - Microchip Technology LMC7101 Datasheet HTML 8Page - Microchip Technology LMC7101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM7101A 3.0V DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise indicated, V+ = +3.0V, V– = 0V, VCM = VOUT = V+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
0.11
4
mV
—
—
0.11
6
mV
–40°C ≤ TJ ≤ +85°C
Input Offset Voltage
Average Drift
TCVOS
—
1.0
—
V/C —
Input Bias Current
IB
—
1.0
64
pA
–40°C ≤ TJ ≤ +85°C
Input Offset Current
IOS
—
0.5
32
pA
–40°C ≤ TJ ≤ +85°C
Input Resistance
RIN
—
>1
—
T
—
Common-Mode
Rejection Ratio
CMRR
60
74
—
dB
0V ≤ VCM ≤ 3.0V, Note 1
Input Common Mode
Voltage
VCM
—
–0.3
0.0
V
Input LOW, CMRR
50 dB
3.0
3.3
—
V
Input HIGH, CMRR
50 dB
Power Supply
Rejection Ratio
PSRR
68
80
—
dB
V+ = 1.5V to 6.0V, V– = –1.5V to
–6.0V, VCM = 0V
Common-Mode
Input Capacitance
CIN
—
3
—
pF
—
Output Swing
VOUT
2.9
2.992
—
V
Output HIGH, RL = 2 k
0.008
0.1
V
Output LOW, RL = 2 k
2.85
2.973
—
V
Output HIGH, RL = 600
—
0.027
0.15
V
Output LOW, RL = 600
Supply Current
IS
—
0.5
0.81
mA
—
—
—
0.95
mA
–40°C ≤ TJ ≤ +85°C
Note 1: Common-mode performance tends to follow the typical value. Minimum value limits reflect performance
only near the supply rails.
 2019 Microchip Technology Inc.
DS20006282A-page 5
LMC7101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com