Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 1 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 1 Page - Microchip Technology

  LMC7101 Datasheet HTML 1Page - Microchip Technology LMC7101 Datasheet HTML 2Page - Microchip Technology LMC7101 Datasheet HTML 3Page - Microchip Technology LMC7101 Datasheet HTML 4Page - Microchip Technology LMC7101 Datasheet HTML 5Page - Microchip Technology LMC7101 Datasheet HTML 6Page - Microchip Technology LMC7101 Datasheet HTML 7Page - Microchip Technology LMC7101 Datasheet HTML 8Page - Microchip Technology LMC7101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006282A-page 1
LMC7101
Features
• Small Footprint SOT-23-5 Package
• Guaranteed 2.7V, 3V, 5V, and 12V Performance
• 500 kHz Gain-Bandwidth
• 0.01% Total Harmonic Distortion at 10 kHz (5V,
2 kΩ)
• 0.5 mA Typical Supply Current at 5V
Applications
• Mobile Communications, Cellular Phones, Pagers
• Battery-Powered Instrumentation
• PCMCIA, USB
• Portable Computers and PDAs
General Description
The LMC7101 is a high-performance, low-power,
operational amplifier that is pin-for-pin compatible with
the National Semiconductor LMC7101. It features
rail-to-rail input and output performance in the IttyBitty
SOT-23-5 package.
The LMC7101 is a 500 kHz gain–bandwidth amplifier
designed to operate from 2.7V to 12V single-ended
power supplies with guaranteed performance at supply
voltages of 2.7V, 3V, 5V, and 12V.
This op amp’s input common-mode range includes
ground and extends 300 mV beyond the supply rails.
For example, the common-mode range is –0.3V to
+5.3V with a 5V supply.
Package Type
LMC7101 Pin Configuration
SOT-23-5
LMC7101 Functional Pinout
SOT-23-5
OUT
V+
IN–
IN+
1
3
45
2
V–
OUT
V+
IN–
IN+
1
3
45
2
V–
A12
Part
Identification
Low-Power Operational Amplifier


Similar Part No. - LMC7101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
853Kb / 18P
Tiny Low Power Operational Amplifier with Rail-To-Rail Input and Output
logo
Micrel Semiconductor
LMC7101 MICREL-LMC7101 Datasheet
154Kb / 12P
Low-Power Operational Amplifier
logo
National Semiconductor ...
LMC7101 NSC-LMC7101 Datasheet
845Kb / 24P
Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
logo
Texas Instruments
LMC7101 TI-LMC7101 Datasheet
1Mb / 28P
LMC7101/LMC7101Q Tiny Low Power Operational Amplifier with Rail-to-Rail Input and Output
LMC7101 TI1-LMC7101 Datasheet
1Mb / 33P
Tiny Low-Power Operational Amplifier
More results

Similar Description - LMC7101

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LMC7101 MICREL-LMC7101 Datasheet
154Kb / 12P
Low-Power Operational Amplifier
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
Micrel Semiconductor
LMC7101 MICREL-LMC7101_05 Datasheet
134Kb / 12P
Low-Power Operational Amplifier
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
Low Power Operational Amplifier
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
Texas Instruments
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061_17 Datasheet
775Kb / 20P
Low Power Operational Amplifier
November, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com