Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 8 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 8 Page - Microchip Technology

Back Button LMC7101 Datasheet HTML 4Page - Microchip Technology LMC7101 Datasheet HTML 5Page - Microchip Technology LMC7101 Datasheet HTML 6Page - Microchip Technology LMC7101 Datasheet HTML 7Page - Microchip Technology LMC7101 Datasheet HTML 8Page - Microchip Technology LMC7101 Datasheet HTML 9Page - Microchip Technology LMC7101 Datasheet HTML 10Page - Microchip Technology LMC7101 Datasheet HTML 11Page - Microchip Technology LMC7101 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LMC7101
DS20006282A-page 8
 2019 Microchip Technology Inc.
Output Swing
VOUT
4.9
4.989
—
V
Output HIGH, RL = 2 k
4.85
—
—
V
Output HIGH, RL = 2 k
–40°C ≤ TJ ≤ +85°C
—
0.011
0.1
V
Output LOW, RL = 2 k
—
—
0.15
V
Output LOW, RL = 2 k
–40°C ≤ TJ ≤ +85°C
4.9
4.963
—
V
Output HIGH, RL = 600
4.8
—
—
V
Output HIGH, RL = 600
–40°C ≤ TJ ≤ +85°C
—
0.037
0.1
V
Output LOW, RL = 600
—
—
0.2
V
Output LOW, RL = 600
–40°C ≤ TJ ≤ +85°C
Output Short Supply
Current
Note 2
ISC
120
200
—
mA
Sourcing (VOUT = 0V) or
Sinking (VOUT = 5V)
80
—
—
mA
Sourcing (VOUT = 0V) or
Sinking (VOUT = 5V),
–40°C ≤ TJ ≤ +85°C
Supply Current
IS
—
0.5
0.85
mA
—
—
—
1.0
mA
–40°C ≤ TJ ≤ +85°C
LM7101A 5.0V DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, V+ = +5.0V, V– = 0V, VCM = 1.5V, VOUT = V+/2; RL = 1 MΩ;
TJ = +25°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: Common-mode performance tends to follow the typical value. Minimum value limits reflect performance
only near the supply rails.
2: Continuous short circuit may exceed absolute maximum TJ under some conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com