Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC7101 Datasheet(PDF) 2 Page - Microchip Technology

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LMC7101 Datasheet(HTML) 2 Page - Microchip Technology

  LMC7101 Datasheet HTML 1Page - Microchip Technology LMC7101 Datasheet HTML 2Page - Microchip Technology LMC7101 Datasheet HTML 3Page - Microchip Technology LMC7101 Datasheet HTML 4Page - Microchip Technology LMC7101 Datasheet HTML 5Page - Microchip Technology LMC7101 Datasheet HTML 6Page - Microchip Technology LMC7101 Datasheet HTML 7Page - Microchip Technology LMC7101 Datasheet HTML 8Page - Microchip Technology LMC7101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LMC7101
DS20006282A-page 2
 2019 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings † ††
Supply Voltage, (VV+ – VV–) ..................................................................................................................................... +15V
Differential Input Voltage, (VIN+ – VIN–)........................................................................................................ ±(VV+ – VV–)
I/O Pin Voltage, (VIN, VOUT) (Note 1) ........................................................................................VV+ + 0.3V to VV– – 0.3V
ESD Protection, (Note 2).................................................................................................................................±2 kV HBM
Operating Ratings††
Supply Voltage, VIN – VV– ..............................................................................................................................2.7V to 12V
Max. Power Dissipation........................................................................................................................................(Note 3)
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside its recommended operating ratings.
Note 1: I/O pin voltage is any external voltage to which an input or output is referenced.
2: Human body model, 1.5 kΩ in series with 100 pF.
3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max); the
junction-to-ambient thermal resistance, θJA; and the ambient temperature, TA. The maximum allowable
power dissipation at any ambient temperature is calculated using: PD = (TJ(max) – TA) ÷ θJA. Exceeding the
maximum allowable power dissipation will result in excessive die temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com