Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 38 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 38 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 34Page - Microchip Technology SAMA5D2 Datasheet HTML 35Page - Microchip Technology SAMA5D2 Datasheet HTML 36Page - Microchip Technology SAMA5D2 Datasheet HTML 37Page - Microchip Technology SAMA5D2 Datasheet HTML 38Page - Microchip Technology SAMA5D2 Datasheet HTML 39Page - Microchip Technology SAMA5D2 Datasheet HTML 40Page - Microchip Technology SAMA5D2 Datasheet HTML 41Page - Microchip Technology SAMA5D2 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Notes: 
1.
Signal = ‘PIO’ if GPIO; Dir = Direction; PU = Pull-up; PD = Pull-down; HiZ = High impedance; ST = Schmitt
Trigger
2.
Refer to the DDR2-SDRAM data sheet for DDRM_VDDQ and DDRM_VDDL definitions. DDRM_VDDQ/
DDRM_VDDL = 1.8V ±0.1V.
3.
DDRM_VDD18 stands for VDD1, DDRM_VDD12 stands for VDD2, refer to the LPDDR2-SDRAM data sheet
for VDD1 and VDD2 definitions.
4.
These balls are not internally connected, they can be left unconnected, connected to any GND, VDD or to any
slowly varying signal to avoid any EMI related issues.
SAMA5D2 SIP
Package and Ballout
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com