Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 9 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 5Page - Microchip Technology SAMA5D2 Datasheet HTML 6Page - Microchip Technology SAMA5D2 Datasheet HTML 7Page - Microchip Technology SAMA5D2 Datasheet HTML 8Page - Microchip Technology SAMA5D2 Datasheet HTML 9Page - Microchip Technology SAMA5D2 Datasheet HTML 10Page - Microchip Technology SAMA5D2 Datasheet HTML 11Page - Microchip Technology SAMA5D2 Datasheet HTML 12Page - Microchip Technology SAMA5D2 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
4.
Configuration Summary
Table 4-1. Configuration Summary
Feature
SAMA5D225
SAMA5D27
SAMA5D28
Package
TFBGA196
TFBGA289
TFBGA361
TFBGA289
TFBGA361
DDR2-SDRAM
128 Mb
512 Mb
1 Gb
–
–
1 Gb
–
–
LPDDR2-SDRAM
–
–
–
1 Gb
2 Gb
–
1 Gb
2 Gb
SMC
Up to 16-bit
Internal Memory Bus
Width
16-bit
32-bit
16-bit
32-bit
PIOs
90
128
SRAM
128 Kbytes
QSPI
2
LCD
24-bit RGB
Camera Interface
(ISC)
1
EMAC
1
PTC
4 X-lines x 8 Y-
lines
8 X-lines x 8 Y-lines
CAN
1
2
USB
2
(2 Hosts or 1
Host/1 Device)
3
(2 Hosts/1 HSIC or 1 Host/1 Device/1 HSIC)
UART/SPI/I2C
9 / 7 / 7
10 / 7 / 7
SDIO/SD/MMC
2
I2S/SSC/Class
D/PDM
2 / 2 / 1 / 1
ADC Inputs
5
12
Timers
5
6
PWM
4 (PWM) + 5
(TC)
4 (PWM) + 6 (TC)
Tamper Pins
6
8
AESB
Yes
Environmental
Monitors, Die Shield
–
–
–
Yes
SAMA5D2 SIP
Configuration Summary
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com