Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 50 Page - Microchip Technology

Part # SAMA5D2
Description  SAMA5D2 System in Package (SIP) MPU with up to 1 Gbit DDR2 SDRAM or 2 Gbit LPDDR2 SDRAM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMA5D2 Datasheet(HTML) 50 Page - Microchip Technology

Back Button SAMA5D2 Datasheet HTML 46Page - Microchip Technology SAMA5D2 Datasheet HTML 47Page - Microchip Technology SAMA5D2 Datasheet HTML 48Page - Microchip Technology SAMA5D2 Datasheet HTML 49Page - Microchip Technology SAMA5D2 Datasheet HTML 50Page - Microchip Technology SAMA5D2 Datasheet HTML 51Page - Microchip Technology SAMA5D2 Datasheet HTML 52Page - Microchip Technology SAMA5D2 Datasheet HTML 53Page - Microchip Technology SAMA5D2 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
10.
Ordering Information
Table 10-1. Ordering Information
Ordering Code
MRL
Package
Carrier Type
Operating
Temperature
Range
ATSAMA5D225C-D1M-CU
C
BGA196
Tray
-40°C to +85°C
ATSAMA5D225C-D1M-CUR
Tape & Reel
ATSAMA5D27C-D5M-CU
BGA289
Tray
ATSAMA5D27C-D5M-CUR
Tape & Reel
ATSAMA5D27C-D1G-CU
Tray
ATSAMA5D27C-D1G-CUR
Tape & Reel
ATSAMA5D28C-D1G-CU
Tray
ATSAMA5D28C-D1G-CUR
Tape & Reel
ATSAMA5D27C-LD1G-CU
BGA361
Tray
ATSAMA5D27C-LD1G-CUR
Tape & Reel
ATSAMA5D27C-LD2G-CU
Tray
ATSAMA5D27C-LD2G-CUR
Tape & Reel
ATSAMA5D28C-LD1G-CU
Tray
ATSAMA5D28C-LD1G-CUR
Tape & Reel
ATSAMA5D28C-LD2G-CU
Tray
ATSAMA5D28C-LD2G-CUR
Tape & Reel
SAMA5D2 SIP
Ordering Information
© 2021 Microchip Technology Inc.
Datasheet
DS60001484D-page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com